Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75833E-E Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC75833E-E
Description  1/3 Duty General-Purpose LCD Display Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75833E-E Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75833E-E Datasheet HTML 2Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 3Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 4Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 5Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 6Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 7Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 8Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 9Page - Sanyo Semicon Device LC75833E-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Pin Functions
Note: The LC75833JE does not have the S12, S23, S24, S35 output pins.
No. 5580-6/19
LC75833E, 75833W, 75833JE
CE: Chip enable
CL:
Synchronization clock
DI:
Transfer data
H
S1/P1 to
S8/P8
S9 to S35
Pin
1 to 8
9 to 35
LC75833E,
75833W
LC75833JE
1 to 8
9 to 31
O
Open
Segment outputs for displaying the display data transferred by serial data
input. The pins S1/P1 to S8/P8 can be used as general-purpose output ports
when so set up by the control data.
COM1
COM2
COM3
36
37
38
32
33
34
O
Open
Common driver outputs.
The frame frequency fO is given by: fO = (fOSC/384) Hz.
OSC
44
40
CE
CL
DI
46
47
48
42
43
44
Serial data transfer inputs. These
pins are connected to the control
microprocessor.
I/O
VDD
I
GND
Oscillator connection
An oscillator circuit is formed by connecting an external resistor and capacitor
to this pin.
VLCD1
41
37
I
Open
Used to apply the LCD drive 2/3-bias voltage externally. This pin must be
connected to VLCD2 when 1/2-bias drive is used.
VLCD2
42
38
I
Open
Used to apply the LCD drive 1/3-bias voltage externally. This pin must be
connected to VLCD1 when 1/2-bias drive is used.
VDD
39
35
Logic block power supply. Provide a voltage in the range 2.7 to 6.0 V.
VLCD
40
36
LCD driver block power supply. Provide a voltage in the range 2.7 to 6.0 V.
VSS
43
39
Ground pin. Connect to ground.
INH
45
41
L
I
GND
Display off control input
•INH = low (VSS): Off
S1/P1 to S8/P8 = Low
(These pins are forcibly set to the segment output port
function and fixed at the VSS level.)
S9 to S35 = Low (VSS),
COM1 to COM3 = Low (VSS)
•INH = high (VDD): On
Note that serial data transfers can be performed when the
display is forced off by this pin.
Active
I/O
Handling
when unused
Functions
Pin No.


Numéro de pièce similaire - LC75833E-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC75833E-E ONSEMI-LC75833E-E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
More results

Description similaire - LC75833E-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com