Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E075WA Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce E075WA
Description  Industrial Control Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

E075WA Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  E075WA Datasheet HTML 1Page - List of Unclassifed Manufacturers E075WA Datasheet HTML 2Page - List of Unclassifed Manufacturers E075WA Datasheet HTML 3Page - List of Unclassifed Manufacturers E075WA Datasheet HTML 4Page - List of Unclassifed Manufacturers E075WA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4
Industrial Control Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
177
SBE Encapsulated Series Selection Tables
Group 2 – 220 x 440 Volt Primary, 110 Volt Secondary, 50/60 Hz, 230 x 460 Volt Primary, 115 Volt Secondary, 50/60 Hz
240 x 480 Volt Primary, 120 Volt Secondary, 60 Hz
VA
Catalog
Number
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Mtg Width
W1 / W2 - in (mm)
Mtg Depth
D1 / D2 - in (mm)
Slot Size
S1 / S2 - in (mm)
Approx. Ship
Weight lbs (kg)
50
E050
2.72 (69.1) 3.01 (76.5) 3.99 (101.3)
2.51 / N/A
(63.8 / N/A)
2.02 / N/A
(51.3 / N/A)
.20 x .33 /.20 x .33
(5.1 x 8.4 / 5.1 x 8.4)
3.0 (1.36)
75
E075
2.96 (75.2) 3.39 (86.1) 4.36 (110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50 /.20 x .50
(5.1 x 12.7 / 5.1 x 12.7)
4.0 (1.82)
100
E100
2.96 (75.2) 3.39 (86.1) 4.61 (117.1)
2.81 / 2.50
(71.4 / 63.5)
2.37 / N/A
(60.2 / N/A)
.20 x .50 /.20 x .50
(5.1 x 12.7 / 5.1 x 12.7)
5.0 (2.27)
150
E150
3.89 (98.8) 4.50 (114.3) 4.48 (113.8)
3.74 / 3.12
(95.0 / 79.3)
2.56 / 2.87
(65.0 / 72.9)
.20 x .65 /.20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
8.0 (3.64)
200
E200
3.89 (98.8) 4.50 (114.3) 4.79 (121.7)
3.74 / 3.12
(95.0 / 79.3)
2.87 / 3.18
(72.9 / 80.8)
.20 x .65 /.20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
10.0 (4.55)
250
E250
3.89 (98.8) 4.50 (114.3) 5.21 (132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65 /.20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
11.0 (5.00)
300
E300
4.53 (115.1) 5.25 (133.4) 4.66 (118.4)
4.38 / 3.75
(111.3 / 95.3)
3.10 / N/A
(78.7 / N/A)
.31 x .71 /.31 x .71
(7.9 x 18.0 / 7.9 x 18.0)
12.0 (5.45)
350
E350
4.53 (115.1) 5.25 (133.4) 5.07 (128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.31 x .71 /.31 x .71
(7.9 x 18.0 / 7.9 x 18.0)
15.0 (6.82)
500
E500
4.53 (115.1) 5.25 (133.4) 5.75 (146.1)
4.38 / 3.75
(111.3 / 95.3)
4.33 / N/A
(110.0 / N/A)
.31 x .85 /.31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
19.0 (8.64)
750
E750
5.56 (141.2) 6.38 (162.1) 6.93 (176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
31 x .85 /.31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
31.0 (14.09)
1000 E1000 5.56 (141.2) 6.38 (162.1) 7.36 (186.9)
5.32 / 4.37
(135.1 / 111.0)
4.68 / 6.18
(118.9 / 157.0)
31 x .85 /.31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
36.0 (16.36)
Note: Includes FB2X Secondary fuse holder.
Group 2A – Factory Installed Primary Fuse Holder Class "CC" and: W - Secondary Fuse Holder (Midget Cartridge, 13/32” x 1½” fuse)
supplied, no covers; WA - Secondary Fuse Holder (Glass or Ceramic - Type 3AG, ¼” x 1¼” fuse type); WB - Secondary Fuse Holder
(Midget Cartridge, 13/32” x 1½” fuse)
VA
Primary Fuse Holder Class "CC"
Dimensions
W Option -
Midget Type
Catalog Number
WA Option - Type
3AG w/ Covers
Catalog Number
WB Option - Midget
Type w/ Covers
Catalog Number
Height
in (mm)
Width
(in (mm)
Depth
in (mm)
Mtg Width
W1 / W2
in (mm)
Mtg Depth
D1 / D2
in (mm)
Slot Size
S1 / S2
in (mm)
Approx.
Ship Weight
lbs (kg)
50
E050W
E050WA
E050WB
4.18 (106.2) 3.01 (76.5) 3.99 (101.3)
2.51 / N/A
(63.8 / N/A)
2.02 / N/A
(51.3 / N/A)
.20 x .33 / .20 x .33
(5.1 x 8.4 / 5.1 x 8.4)
3.0 (1.36)
75
E075W
E075WA
E075WB
4.41 (112.0) 3.39 (86.1) 4.36 (110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50 / .20 x .50
(5.1 x 12.7 / 5.1 x 12.7)
4.0 (1.82)
100
E100W
E100WA
E100WB
4.41 (112.0) 3.39 (86.1) 4.61 (117.1)
2.81 / 2.50
(71.4 / 63.5)
2.37 / N/A
(60.2 / N/A)
.20 x .50 / .20 x .50
(5.1 x 12.7 / 5.1 x 12.7)
5.0 (2.27)
150
E150W
E150WA
E150WB
5.36 (136.1) 4.50 (114.3) 4.48 (113.8)
3.74 / 3.12
(95.0 / 79.3)
2.56 / 2.87
(65.0 / 72.9)
.20 x .65 / .20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
8.0 (3.64)
200
E200W
E200WA
E200WB
5.36 (136.1) 4.50 (114.3) 4.79 (121.7)
3.74 / 3.12
(95.0 / 79.3)
2.87 / 3.18
(72.9 / 80.8)
.20 x .65 / .20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
10.0 (4.55)
250
E250W
E250WA
E250WB
5.36 (136.1) 4.50 (114.3) 5.21 (132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65 / .20 x .33
(5.1 x 16.5 / 5.1 x 8.4)
11.0 (5.00)
300
E300W
E300WA
E300WB
5.99 (152.1) 5.25 (133.4) 4.66 (118.4)
4.38 / 3.75
(111.3 / 95.3)
3.10 / N/A
(78.7 / N/A)
.31 x .71 / .31 x .71
(7.9 x 18.0 / 7.9 x 18.0)
12.0 (5.45)
350
E350W
E350WA
E350WB
5.99 (152.1) 5.25 (133.4) 5.07 (128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.31 x .71 / .31 x .71
(7.9 x 18.0 / 7.9 x 18.0)
15.0 (6.82)
500
E500W
E500WA
E500WB
5.99 (152.1) 5.25 (133.4) 5.75 (146.1)
4.38 / 3.75
(111.3 / 95.3)
4.33 / N/A
(110.0 / N/A)
.31 x .85 / .31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
19.0 (8.64)
750
E750W
E750WA
E750WB
7.01 (178.1) 6.38 (162.1) 6.93 (176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
.31 x .85 / .31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
31.0 (14.09)
1000
E1000W
E1000WA
E1000WB
7.01 (178.1) 6.38 (162.1) 7.36 (186.9)
5.32 / 4.37
(135.1 / 111.0)
4.68 / 6.18
(118.9 / 157.0)
.31 x .85 / .31 x .85
(7.9 x 21.6 / 7.9 x 21.6)
36.0 (16.36)
Notes: WA and WB suffix include finger safe covers. Fuses not included. W option for secondary fusing requires assembly (FB2 sold separately).


Numéro de pièce similaire - E075WA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
E075E ETC2-E075E Datasheet
313Kb / 5P
   The SBE - Encapsulated, Copper Wound Series
More results

Description similaire - E075WA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
E100TF ETC2-E100TF Datasheet
536Kb / 5P
   Industrial Control Transformers
E150TH ETC2-E150TH Datasheet
435Kb / 6P
   Industrial Control Transformers
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0500-230-12 TALEMA-SFB0500-230-12 Datasheet
151Kb / 1P
   Control Panel Transformers
SFB0320-230-12 TALEMA-SFB0320-230-12 Datasheet
149Kb / 1P
   Control Panel Transformers
SFB0075-230-12 TALEMA-SFB0075-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
List of Unclassifed Man...
TT2146 ETC2-TT2146 Datasheet
261Kb / 1P
   3 PHASE CONTROL TRANSFORMERS
logo
Bel Fuse Inc.
LDW25 BEL-LDW25 Datasheet
859Kb / 6P
   Industrial Control
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
   Industrial Control
logo
Abracon Corporation
ASTMUPC ABRACON-ASTMUPC Datasheet
4Mb / 10P
   Industrial control
07.22.15
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com