Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HMS87C1304A Datasheet(Fiches technique) 66 Page - Hynix Semiconductor

Numéro de pièce HMS87C1304A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Télécharger  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/ko/index.jsp
Logo 

 66 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
63
17.3 Internal RC-Oscillated Watchdog Timer Mode
In the Internal RC-Oscillated Watchdog Timer mode, the
on-chip oscillator is stopped. But internal RC oscillation
circuit is oscillated in this mode. The on-chip RAM and
Control registers are held. The port pins out the values held
by their respective port data register, port direction regis-
ters.
The Internal RC-Oscillated Watchdog Timer mode is
activated by execution of STOP instruction after set-
ting the bit WAKEUP and RCWDT of CKCTLR to
“01”. (This register should be written by byte opera-
tion. If this register is set by bit manipulation instruc-
tion, for example “set1” or “clr1” instruction, it may be
undesired operation)
Note: After STOP instruction, at least two or more NOP in-
struction should be written
Ex)
LDM
WDTR,#1111_1111B
LDM
CKCTLR,#0010_1110B
LDM
IRQH,#0
LDM
IRQL,#0
STOP
NOP
NOP
Release the Internal RC-Oscillated Watchdog Timer mode
The exit from Internal RC-Oscillated Watchdog Timer
mode is hardware reset or external interrupt. Reset re-de-
fines all the Control registers but does not change the on-
chip RAM. External interrupts allow both on-chip RAM
and Control registers to retain their values.
If I-flag = 1, the normal interrupt response takes place. In
this case, if the bit WDTON of CKCTLR is set to “0” and
the bit WDTE of IENH is set to “1”, the device will exe-
cute the watchdog timer interrupt service routine.(Figure
17-5) However, if the bit WDTON of CKCTLR is set to
“1”, the device will generate the internal RESET signal
and execute the reset processing. (Figure 17-6)
If I-flag = 0, the chip will resume execution starting with
the instruction following the STOP instruction. It will not
vector to interrupt service routine (refer to Figure 17-1).
When exit from Internal RC-Oscillated Watchdog Timer
mode by external interrupt, the oscillation stabilization
time is required for normal operation. Figure 17-5 shows
the timing diagram. When release the Internal RC-Oscil-
lated Watchdog Timer mode, the basic interval timer is ac-
tivated on wake-up. It is increased from 00H until FFH. The
count overflow is set to start normal operation. Therefore,
before STOP instruction, user must be set its relevant pres-
caler divide ratio to have long enough time (more than
20msec). This guarantees that oscillator has started and
stabilized.
By reset, exit from internal RC-Oscillated Watchdog Tim-
er mode is shown in Figure 17-6.
Figure 17-5 Internal RCWDT Mode Releasing by External Interrupt or WDT Interrupt
RCWDT Mode
Normal Operation
Oscillator
(XIN pin)
N+1
N
N+2
00
01
FE
FF
00
00
N-1
N-2
Clear Basic Interval Timer
STOP Instruction Execution
Normal Operation
Stabilization Time
tST > 20mS
Internal
Clock
External
Interrupt
BIT
Counter
Internal
RC Clock
(or WDT Interrupt)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UPD1780028-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6216SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals 1 2 3 4 5 MoreSamsung semiconductor
GMS81C5108HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreHynix Semiconductor
UPD7890268-Bit Single-Chip Microcontrollers 1 2 3 4 5 MoreNEC
S3C96888-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
80C31CMOS single-chip 8-bit microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
KS86C6104SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU a wide range of integrated peripherals and supports OTP devic 1 2 3 4 5 MoreSamsung semiconductor
KS88C8316SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU 1 2 3 4 5 MoreSamsung semiconductor
GMS81C7008HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreHynix Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl