Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMS87C1304A Fiches technique(PDF) 58 Page - Hynix Semiconductor

No de pièce HMS87C1304A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1304A Fiches technique(HTML) 58 Page - Hynix Semiconductor

Back Button HMS87C1304A Datasheet HTML 54Page - Hynix Semiconductor HMS87C1304A Datasheet HTML 55Page - Hynix Semiconductor HMS87C1304A Datasheet HTML 56Page - Hynix Semiconductor HMS87C1304A Datasheet HTML 57Page - Hynix Semiconductor HMS87C1304A Datasheet HTML 58Page - Hynix Semiconductor HMS87C1304A Datasheet HTML 59Page - Hynix Semiconductor HMS87C1304A Datasheet HTML 60Page - Hynix Semiconductor HMS87C1304A Datasheet HTML 61Page - Hynix Semiconductor HMS87C1304A Datasheet HTML 62Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
55
The interrupts are controlled by the interrupt master enable
flag I-flag (bit 2 of PSW), the interrupt enable register
(IENH, IENL) and the interrupt request flags (in IRQH,
IRQL) except Power-on reset and software BRK interrupt.
Interrupt enable registers are shown in Figure 15-2. These
registers are composed of interrupt enable flags of each in-
terrupt source, these flags determines whether an interrupt
will be accepted or not. When enable flag is “0”, a corre-
sponding interrupt source is prohibited. Note that PSW
contains also a master enable bit, I-flag, which disables all
interrupts at once.
Figure 15-2 Interrupt Enable Registers and Interrupt Request Registers
When an interrupt is occurred, the I-flag is cleared and dis-
able any further interrupt, the return address and PSW are
pushed into the stack and the PC is vectored to. Once in the
interrupt service routine the source(s) of the interrupt can
be determined by polling the interrupt request flag bits.
The interrupt request flag bit(s) must be cleared by soft-
ware before re-enabling interrupts to avoid recursive inter-
rupts. The Interrupt Request flags are able to be read and
written.
Reset/Interrupt
Symbol
Priority
Vector Addr.
Hardware Reset
External Interrupt 0
External Interrupt 1
Timer 0
Timer 1
A/D Converter
Watch Dog Timer
Basic Interval Timer
RESET
INT0
INT1
Timer 0
Timer 1
A/D C
WDT
BIT
-
1
2
3
4
5
6
7
FFFEH
FFFAH
FFF8H
FFF6H
FFF4H
FFEAH
FFE8H
FFE6H
Table 15-1 Interrupt Priority
IENH
ADDRESS : E2H
RESET VALUE : 0000----
INT0E
INT1E
T0E
T1E
-
-
-
-
Interrupt Enable Register High
IENL
ADDRESS : E3H
RESET VALUE : 000-----
ADE
WDTE
BITE
-
-
-
-
-
Interrupt Enable Register Low
IRQH
ADDRESS : E4H
RESET VALUE : 0000----
INT0IF
INT1IF
T0IF
T1IF
-
-
-
-
Interrupt Request Register High
IRQL
ADDRESS : E5H
RESET VALUE : 000-----
ADIF
WDTIF
BITIF
-
-
-
-
-
Interrupt Request Register Low
0 : Disable
1 : Enable
Enables or disables the interrupt individually
If flag is cleared, the interrupt is disabled.
0 : Not occurred
1 : Interrupt request is occurred
Shows the interrupt occurrence


Numéro de pièce similaire - HMS87C1304A

FabricantNo de pièceFiches techniqueDescription
logo
Hynix Semiconductor
HMS87C1304A HYNIX-HMS87C1304A Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1304AD HYNIX-HMS87C1304AD Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Description similaire - HMS87C1304A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com