Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HMS87C1304A Datasheet(Fiches technique) 20 Page - Hynix Semiconductor

Numéro de pièce HMS87C1304A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Télécharger  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/ko/index.jsp
Logo 

 20 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
17
7.4 DC Electrical Characteristics
(TA=-20~85°C, VDD=2.0~5.5V, VSS=0V),
Parameter
Symbol
Pin
Condition
Specifications
Unit
Min.
Typ.
Max.
Input High Voltage
VIH1
RESET
0.8 VDD
-
VDD
V
VIH2
XIN, Hysteresis Input1
0.8 VDD
-
VDD
VIH3
Normal Input
0.7 VDD
-
VDD
Input Low Voltage
VIL1
RESET
0-
0.2 VDD
V
VIL2
XIN, Hysteresis Input1
0-
0.2 VDD
VIL3
Normal Input
0
-
0.3 VDD
Output High Voltage
VOH
All Output Port
VDD=5V, IOH=-5mA
VDD -1
--
V
Output Low Voltage
VOL
All Output Port
VDD=5V, IOL=10mA
-
-1
V
Input Pull-up Current2
IP
RB2, RB3, RD0, RD1
VDD=5V
-450
-380
-300
µA
Input High
Leakage Current
IIH1
All Pins (except XIN)VDD=5V
--
5
µA
IIH2
XIN
VDD=5V
--
15
µA
Input Low
Leakage Current
IIL1
All Pins (except XIN)VDD=5V
-5
-
-
µA
IIL2
XIN
VDD=5V
-15
-
-
µA
Hysteresis
| VT |
Hysteresis Input1
VDD=5V
0.5
-
-
V
PFD Voltage
VPFD1
VDD
PFD Level = 0, VDD=5V
2.0
2.5
3.0
V
VPFD2
VDD
PFD Level = 1, VDD=3V
1.5
1.7
1.9
Internal RC WDT
Period
TRCWDT
VDD=5.0V, fXIN=8MHz
60
200
µS
VDD=3.0V, fXIN=4MHz
150
300
Operating Current3
IDD
VDD
VDD=5.5V, fXIN=8MHz
-2
5
mA
VDD=3.0V, fXIN=4MHz
-1
2
Wake-up Timer Mode
Current
IWKUP
VDD
VDD=5.5V, fXIN=8MHz
-0.1
0.5
mA
VDD=3.0V, fXIN=4MHz
-
0.03
0.1
RCWDT Mode
Current at STOP
Mode
IRCWDT
VDD
VDD=5.5V
--
50
µA
VDD=3.0V
--
30
Stop Mode Current
ISTOP
VDD
VDD=5.5V, fXIN=8MHz
-0.7
1.6
µA
VDD=3.0V, fXIN=4MHz
-0.2
0.8
External RC
Oscillator Frequency
FRC
XOUT
VDD=5V,
R=10K
Ω, C=20pF
35
MHz
VDD=5V,
R=10K
59
1. Hysteresis Input: RA0, RB2, RB3
2. This parameter is valid when the bit PUPSELx is selected and set the input mode or interrupt input function.
3. This value is measured under NOP instruction execution.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UPD1780028-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6216SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals 1 2 3 4 5 MoreSamsung semiconductor
GMS81C5108HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreHynix Semiconductor
UPD7890268-Bit Single-Chip Microcontrollers 1 2 3 4 5 MoreNEC
S3C96888-bit single-chip CMOS microcontrollers 1 2 3 4 5 MoreSamsung semiconductor
80C31CMOS single-chip 8-bit microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
KS86C6104SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU a wide range of integrated peripherals and supports OTP devic 1 2 3 4 5 MoreSamsung semiconductor
KS88C8316SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU 1 2 3 4 5 MoreSamsung semiconductor
GMS81C7008HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreHynix Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl