Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQD17N08LTF Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FQD17N08LTF
Description  N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17N08LTF Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FQD17N08LTF Datasheet HTML 1Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 2Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 3Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 4Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 5Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 6Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 7Page - Fairchild Semiconductor FQD17N08LTF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
Thermal Characteristics
Symbol
Parameter
FQD17N08LTM
Unit
RJC
Thermal Resistance, Junction to Case, Max.
3.13
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
50
FQD17N08L
N-Channel QFET® MOSFET
80 V, 12.9 A, 100 mΩ
Description
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, audio amplifier,
DC motor control, and variable switching power applications.
Features
• 12.9 A, 80 V, RDS(on) = 100 mΩ (Max.) @ VGS = 10 V,
ID = 6.45 A
• Low Gate Charge (Typ. 8.8 nC)
• Low Crss (Typ. 29 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
D-PAK
G
S
D
G
S
D
©2000 Fairchild Semiconductor Corporation
FQD17N08L Rev. C1
Symbol
Parameter
FQD17N08L
TM
Unit
VDSS
Drain-Source Voltage
80
V
ID
Drain Current
- Continuous (TC = 25°C)
12.9
A
- Continuous (TC = 100°C)
8.2
A
IDM
Drain Current
- Pulsed
(Note 1)
51.6
A
VGSS
Gate-Source Voltage
± 20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
100
mJ
IAR
Avalanche Current
(Note 1)
12.9
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
40
W
- Derate above 25°C
0.32
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering,
1/8" from case for 5 seconds
300
°C


Numéro de pièce similaire - FQD17N08LTF

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
More results

Description similaire - FQD17N08LTF

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
logo
ON Semiconductor
STTFS015N10MCL ONSEMI-STTFS015N10MCL Datasheet
325Kb / 9P
   MOSFET - Power, Single N-Channel 100 V, 12.9 m, 42 A
August, 2020 - Rev. 0
logo
Fairchild Semiconductor
FQD7N10LTF FAIRCHILD-FQD7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 100 V, 5.8 A, 350 m
logo
NXP Semiconductors
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
logo
Fairchild Semiconductor
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
logo
Nexperia B.V. All right...
PSMN013-80YS NEXPERIA-PSMN013-80YS Datasheet
733Kb / 13P
   N-channel LFPAK 80 V 12.9 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
logo
ON Semiconductor
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
   N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
logo
Fairchild Semiconductor
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com