Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX33D Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce BDX33D
Description  Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDX33D Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  BDX33D Datasheet HTML 1Page - Bourns Electronic Solutions BDX33D Datasheet HTML 2Page - Bourns Electronic Solutions BDX33D Datasheet HTML 3Page - Bourns Electronic Solutions BDX33D Datasheet HTML 4Page - Bourns Electronic Solutions BDX33D Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BDX33, BDX33A, BDX33B, BDX33C, BDX33D
NPN SILICON POWER DARLINGTONS
2
PRODU CT
INFORMA TION
AUGUST 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 100 mA
IB = 0
(see Note 3)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
45
60
80
100
120
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 30 V
VCE = 40 V
VCE = 50 V
VCE = 60 V
VCE = 30 V
VCE = 30 V
VCE = 40 V
VCE = 50 V
VCE = 60 V
IB =0
IB =0
IB =0
IB =0
IB =0
IB =0
IB =0
IB =0
IB =0
IB =0
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
0.5
0.5
0.5
0.5
0.5
10
10
10
10
10
mA
ICBO
Collector cut-off
current
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
IE =0
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
1
1
1
1
1
5
5
5
5
5
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC =0
10
mA
hFE
Forward current
transfer ratio
VCE =
3 V
VCE =
3 V
VCE =
3 V
VCE =
3 V
VCE =
3 V
IC =4 A
IC =4 A
IC =3 A
IC =3 A
IC =3 A
(see Notes 3 and 4)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
750
750
750
750
750
VBE(on)
Base-emitter
voltage
VCE =
3 V
VCE =
3 V
VCE =
3 V
VCE =
3 V
VCE =
3 V
IC =4 A
IC =4 A
IC =3 A
IC =3 A
IC =3 A
(see Notes 3 and 4)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
2.5
2.5
2.5
2.5
2.5
V
VCE(sat)
Collector-emitter
saturation voltage
IB =
8 mA
IB =
8 mA
IB =
6 mA
IB =
6 mA
IB =
6 mA
IC = 4 A
IC = 4 A
IC = 3 A
IC = 3 A
IC = 3 A
(see Notes 3 and 4)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
2.5
2.5
2.5
2.5
2.5
V
VEC
Parallel diode
forward voltage
IE =
8 A
IB = 0
4
V


Numéro de pièce similaire - BDX33D

FabricantNo de pièceFiches techniqueDescription
logo
Power Innovations Ltd
BDX33D POINN-BDX33D Datasheet
128Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDX33D BOURNS-BDX33D Datasheet
112Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
BDX33D TEL-BDX33D Datasheet
100Kb / 3P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Micro Commercial Compon...
BDX33D MCC-BDX33D Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
logo
Continental Device Indi...
BDX33D CDIL-BDX33D Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
More results

Description similaire - BDX33D

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
TIP141-S BOURNS-TIP141-S Datasheet
111Kb / 4P
   Designed for Complementary Use with TIP145, TIP146 and TIP147
BDW93C-S BOURNS-BDW93C-S Datasheet
92Kb / 4P
   Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
BD243A-S BOURNS-BD243A-S Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
BD545C-S BOURNS-BD545C-S Datasheet
104Kb / 4P
   Designed for Complementary Use with the BD546 Series
TIP31B-S BOURNS-TIP31B-S Datasheet
142Kb / 4P
   Designed for Complementary Use with the TIP32 Series
TIP35-S BOURNS-TIP35-S Datasheet
109Kb / 4P
   Designed for Complementary Use with the TIP36 Series
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
logo
List of Unclassifed Man...
C1048 ETC-C1048 Datasheet
27Kb / 1P
   DDS - EP13 - Designed for use with Level One LXT400 and LXT441 Transceiver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com