Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3941HFP Fiches technique(PDF) 3 Page - Rohm

No de pièce BD3941HFP
Description  Power Management LSI Series for Automotive Body Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3941HFP Fiches technique(HTML) 3 Page - Rohm

  BD3941HFP Datasheet HTML 1Page - Rohm BD3941HFP Datasheet HTML 2Page - Rohm BD3941HFP Datasheet HTML 3Page - Rohm BD3941HFP Datasheet HTML 4Page - Rohm BD3941HFP Datasheet HTML 5Page - Rohm BD3941HFP Datasheet HTML 6Page - Rohm BD3941HFP Datasheet HTML 7Page - Rohm BD3941HFP Datasheet HTML 8Page - Rohm BD3941HFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/8
Reference data
(Unless otherwise specified, Ta = 25°C)
0
10
20
30
40
50
0
5
10
15
20
25
SUPPLY VOLTAGE: Vcc [V]
0
1
2
3
4
5
6
0
500
1000
1500
2000
OUTPUT CURRENT: Io [mA]
0
1
2
3
4
5
6
0
5
10
15
20
25
SUPPLY VOLTAGE: Vcc [V]
Fig. 1 Total Supply Current
Fig. 3 Output Voltage vs Load
Ta = 25°C
Ta = 125°C
Ta = −40°C
Fig. 2 Output Voltage vs Power
Supply Voltage
Ta = 125°C
Ta = 25°C
Ta = −40°C
0
0.05
0.1
0.15
0.2
0
100
200
300
400
500
OUTPUT CURRENT: Io [mA]
0
1
2
3
4
5
6
100
120
140
160
180
200
AMBIENT TEMPERATURE: Ta [℃]
4.5
4.75
5
5.25
5.5
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [℃]
Fig. 9 Output Voltage vs
Temperature
Fig. 8 Thermal Shutdown Circuit
Fig. 7 Total Supply Current
Classified by Load
0
0.2
0.4
0.6
0.8
1
0
100
200
300
400
500
OUTPUT CURRENT: Io [mA]
0
10
20
30
40
50
60
70
10
100
1000
10000 100000 1E+06
FREQUENCY: f [Hz]
0
1
2
3
4
5
6
20
25
30
35
40
SUPPLY VOLTAGE: Vcc [V]
Fig. 5 Ripple Rejection
Fig. 4 I/O Voltage Difference
Fig. 6 Overvoltage Protection
Ta = 25°C
Ta = −40°C
Ta = 125°C
Fig. 10 Ripple Rejection vs
Temperature
45
50
55
60
65
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [℃]
Fig. 11 Min. I/O Voltage Differential vs
Temperature
Fig. 12 Total Supply Current vs
Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [℃]
0
10
20
30
40
50
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [℃]


Numéro de pièce similaire - BD3941HFP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3941HFP ROHM-BD3941HFP Datasheet
340Kb / 6P
   Reference Voltage Regulator
BD3941HFP ROHM-BD3941HFP Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
More results

Description similaire - BD3941HFP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3940FP-E2 ROHM-BD3940FP-E2 Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD7185AGWL ROHM-BD7185AGWL Datasheet
1Mb / 79P
   Power Management LSI
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com