Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDC10-20A Fiches technique(PDF) 1 Page - Cooper Bussmann, Inc.

No de pièce TDC10-20A
Description  TDC Series, Glass Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TDC10-20A Fiches technique(HTML) 1 Page - Cooper Bussmann, Inc.

  TDC10-20A Datasheet HTML 1Page - Cooper Bussmann, Inc. TDC10-20A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
TDC10
• Fast Acting
• 1/4" x 1-1/4" physical size
• Glass tube, electroplated brass endcap construction
• Interrupting rating equals 10 times rated current
• Designed to British Standard BS2950A
TDC11
• Time Delay
• 1/4" x 1-1/4" physical size
• Glass tube, electroplated brass endcap construction
• Interrupting rating equals 10 times rated current
Ordering
• Specify packaging and product code
31.8mm
31.8mm
6.35mm
35mm
Dimensions mm(inches)
*
Interrupting Rating: Interrupting rating is 10 times the rated current.
** DC Cold Resistance (Measured at <10% of rated current)
SPECIFICATIONS - TDC10
Voltage
Interrupting
Product Code
Rating
Rating*
AC
1000V
750V
500V
350V
250V
150V
100V
32V
TDC10-50MA
1000V
500MA
-
-
-
-
-
-
-
TDC10-60MA
1000V
600MA
-
-
-
---
-
TDC10-100MA
1000V
1A
-
-
-
-
-
-
-
TDC10-150MA
1000V
1.5A
-
-
-
-
--
-
TDC10-250MA
1000V
2.5A
-
-
-
-
-
-
-
TDC10-500MA
750V
-
5A
-
-
-
-
-
-
TDC10-750MA
500V
-
-
7.5A
-
-
-
-
-
TDC10-1A
350V
-
-
-
10A
-
-
-
-
TDC10-1.5A
250V
-
-
-
-
15A
-
-
-
TDC10-2A
250V
-
-
-
-
20A
-
-
-
TDC10-3A
250V
-
-
-
-
30A
-
-
-
TDC10-5A
250V
-
-
-
-
50A
-
-
-
TDC10-7A
150V
-
-
-
-
-70A-
-
TDC10-10A
100V
-
-
-
-
-
-
100A
-
TDC10-12A
32V
-
-
-
-
-
-
-
120A
TDC10-15A
32V
-
-
-
-
-
-
-
150A
TDC10-20A
32V
-
-
-
-
-
-
-
200A
TDC10-25A
32V
-
-
-
-
-
-
-
250A
SPECIFICATIONS - TDC11
Voltage
Interrupting
Product Code
Rating
Rating*
AC
1000V
750V
500V
350V
250V
150V
100V
TDC11-50MA
1000V
500MA
-
-
-
-
-
-
TDC11-60MA
1000V
600MA
-
-
-
-
-
-
TDC11-100MA
1000V
1A
-
-
-
-
-
-
TDC11-150MA
1000V
1.5A
-
-
-
-
-
-
TDC11-250MA
1000V
2.5A
-
-
-
-
-
-
TDC11-500MA
750V
-
5A
-
-
-
-
-
TDC11-750MA
500V
-
-
7.5A
-
-
-
-
TDC11-1A
350V
-
-
-
10A
-
-
-
TDC11-1.5A
250V
-
-
-
-
15A
-
-
TDC11-2A
250V
-
-
-
-
20A
-
-
TDC11-3A
250V
-
-
-
-
30A
-
-
TDC11-5A
250V
-
-
-
-
50A
-
-
TDC11-7A
150V
-
-
-
-
-
70A
-
TDC11-10A
100V
-
-
-
-
-
-
100A
1/4" x 1-1/4" Fuses
TDC Series, Glass Tube


Numéro de pièce similaire - TDC10-20A

FabricantNo de pièceFiches techniqueDescription
logo
Eaton All Rights Reserv...
TDC10-20-R EATON-TDC10-20-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
More results

Description similaire - TDC10-20A

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
MDL-1-16-R COOPER-MDL-1-16-R Datasheet
267Kb / 2P
   Glass Tube Fuses
logo
Shanghai Leiditech Elec...
SPG67-141 LEIDITECH-SPG67-141 Datasheet
186Kb / 1P
   Glass discharge tube
G3L LEIDITECH-G3L Datasheet
168Kb / 1P
   Glass Discharge Tube
G3S LEIDITECH-G3S Datasheet
183Kb / 1P
   Glass Discharge Tube
logo
Cooper Bussmann, Inc.
BK-AGC-1-2-R COOPER-BK-AGC-1-2-R Datasheet
183Kb / 3P
   AGC Series, Fast Acting, Glass Tube
BKAGC-1-2-R COOPER-BKAGC-1-2-R Datasheet
164Kb / 2P
   AGC Series, Fast Acting, Glass Tube
logo
PREMO CORPORATION S.L
GT-04815-800J PREMO-GT-04815-800J Datasheet
192Kb / 1P
   Glass tube transponder inductors
logo
SUNMATE electronic Co.,...
GSE-141N SUNMATE-GSE-141N Datasheet
889Kb / 2P
   AXIAL LEADED GLASS TUBE
GS41-141N SUNMATE-GS41-141N Datasheet
872Kb / 2P
   AXIAL LEADED GLASS TUBE
GSS-141N SUNMATE-GSS-141N Datasheet
909Kb / 2P
   AXIAL LEADED GLASS TUBE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com