Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1207_2015 Fiches technique(PDF) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BF1207_2015
Description  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1207_2015 Fiches technique(HTML) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1207_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1207_2015 Datasheet HTML 15Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
9397 750 14955
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2005
11 of 22
Philips Semiconductors
BF1207
Dual N-channel dual gate MOSFET
8.1.2 Scattering parameters for amplifier A
Table 9:
Scattering parameters for amplifier A
VDS(A) =5V; VG2-S =4V; ID(A) = 18 mA; VDS(B) =0V;VG1-S(B) =0V; Tamb = 25 °C; typical values.
f
(MHz)
s11
s21
s12
s22
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
50
0.987
−4.169
2.87
175.5
0.0008
83.82
0.992
−1.42
100
0.983
−8.109
2.95
171.14 0.0015
82.08
0.992
−2.86
200
0.976
−15.97
2.93
162.44 0.0028
77.50
0.990
−5.66
300
0.966
−23.844 2.89
153.77 0.0041
73.45
0.989
−8.49
400
0.952
−31.575 2.84
145.23 0.0053
69.42
0.986
−11.28
500
0.935
−35.225 2.78
136.82 0.0063
65.72
0.984
−14.03
600
0.917
−46.678 2.72
128.50 0.0072
61.48
0.981
−16.80
700
0.898
−54.094 2.65
120.44 0.0079
58.05
0.977
−19.55
800
0.876
−61.205 2.57
112.33 0.0084
52.74
0.974
−22.32
900
0.852
−68.299 2.49
104.32 0.0089
48.61
0.970
−25.10
1000
0.826
−75.321 2.41
96.42
0.0091
43.86
0.967
−27.88


Numéro de pièce similaire - BF1207_2015

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1207 JMNIC-BF1207_15 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results

Description similaire - BF1207_2015

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com