Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1101_2015 Fiches technique(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BF1101_2015
Description  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1101_2015 Fiches technique(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1101_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1101_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 May 14
6
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
Fig.9
Drain current as a function of gate 1 current;
typical values.
VDS =5V.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
0
20
8
12
16
4
0
10
MGS303
20
30
40
50
ID
(mA)
IG1 (µA)
Fig.10 Drain current as a function of gate 1
supply voltage (= VGG); typical values.
VDS = 5 V; VG2-S = 4 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.21.
handbook, halfpage
0
15
10
5
0
1
MGS304
23
5
4
ID
(mA)
VGG (V)
Fig.11 Drain current as a function of gate 1 (= VGG)
and drain supply voltage; typical values.
VG2-S = 4 V; Tj =25 °C.
RG1 connected to VGG; see Fig.21.
handbook, halfpage
0
20
8
12
16
4
0
2
468
ID
(mA)
VGG = VDS (V)
RG1 = 47 kΩ 68 kΩ
82 k
100 k
120 k
150 k
180 k
220 k
MGS305
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG); see Fig.21.
Fig.12 Drain current as a function of gate 2 voltage;
typical values.
handbook, halfpage
0
8
12
16
4
0
2
MGS306
46
ID
(mA)
VG2-S (V)
4.5 V
4 V
3.5 V
3 V
VGG = 5 V


Numéro de pièce similaire - BF1101_2015

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1101R PHILIPS-BF1101R Datasheet
128Kb / 16P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101R NXP-BF1101R Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101WR PHILIPS-BF1101WR Datasheet
128Kb / 16P
   N-channel dual-gate MOS-FETs
1999 May 14
BF1101WR NXP-BF1101WR Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
More results

Description similaire - BF1101_2015

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com