Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF909WR_2015 Fiches technique(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BF909WR_2015
Description  N-channel dual-gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF909WR_2015 Fiches technique(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF909WR_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF909WR_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Sep 05
7
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF909WR
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG).
Fig.11 Drain current as a function of gate 2 voltage;
typical values; see Fig.17.
handbook, halfpage
024
6
20
0
16
MLB944
12
8
4
I D
(mA)
4.5 V
4 V
3.5 V
3 V
V
= 5 V
GG
V
(V)
G2 S
Fig.12 Gate 1 current as a function of gate 2
voltage; typical values; see Fig.17.
VDS = 5 V; Tj =25 °C.
RG1 = 120 kΩ (connected to VGG).
handbook, halfpage
02
46
40
30
10
0
20
MLB945
I G1
(
µA)
V
(V)
G2 S
4.5 V
4 V
3.5 V
3 V
V
= 5 V
GG
Fig.13 Input admittance as a function of frequency;
typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
10 3
MLB946
102
10
10 1
10 2
10
1
y is
(mS)
f (MHz)
b is
g is
Fig.14 Reverse transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
10 3
MLB947
102
10
10 3
10 2
10
1
y rs
10 3
10
10
1
2
rs
(
µS)
f (MHz)
rs
yrs
(deg)
ϕ
ϕ


Numéro de pièce similaire - BF909WR_2015

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BF909WR JMNIC-BF909WR_15 Datasheet
138Kb / 12P
   N-channel dual-gate MOS-FET
More results

Description similaire - BF909WR_2015

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF991 NXP-BF991 Datasheet
226Kb / 7P
   N-channel dual-gate MOS-FET
Rev. 03-20 November 2007
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com