Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP64-04W_2015 Fiches technique(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce BAP64-04W_2015
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP64-04W_2015 Fiches technique(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP64-04W_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04W_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04W_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04W_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP64-04W_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Jan 29
3
Philips Semiconductors
Product specification
Silicon PIN diode
BAP64-04W
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
IF = 50 mA
0.95
1.1
V
IR
reverse current
VR = 100 V
10
µA
VR =20V
1
µA
Cd
diode capacitance
VR = 0; f = 1 MHz
0.52
pF
VR = 1 V; f = 1 MHz
0.37
pF
VR = 20 V; f = 1 MHz
0.23
0.35
pF
rD
diode forward resistance
IF = 0.5 mA; f = 100 MHz; note 1
20
40
IF = 1 mA; f = 100 MHz; note 1
10
20
IF = 10 mA; f = 100 MHz; note 1
2
3.8
IF = 100 mA; f = 100 MHz; note 1
0.7
1.35
τ
L
charge carrier life time
when switched from IF = 10 mA to
IR = 6 mA; RL = 100 Ω;
measured at IR =3mA
1.55
−µs
LS
series inductance
IF = 100 mA; f = 100 MHz
1.6
nH
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
250
K/W


Numéro de pièce similaire - BAP64-04W_2015

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BAP64-04WS SECOS-BAP64-04WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
logo
SEC Electronics Inc.
BAP64-04WS SECELECTRONICS-BAP64-04WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
logo
NXP Semiconductors
BAP64-04W PHILIPS-BAP64-04W_15 Datasheet
179Kb / 9P
   Silicon PIN diode
2001 Jan 29
logo
Quanzhou Jinmei Electro...
BAP64-04W JMNIC-BAP64-04W_15 Datasheet
67Kb / 8P
   Silicon PIN diode
logo
Micro Commercial Compon...
BAP64-04W MCC-BAP64-04W_16 Datasheet
299Kb / 2P
   General Purpose Pin Diodes 200mW
More results

Description similaire - BAP64-04W_2015

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com