Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N3889 Fiches technique(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No de pièce 1N3889
Description  Silicon Fast Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N3889 Fiches technique(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N3889 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N3889 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N3889 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IF = 12 A
Features
• High Surge Capability
DO-4 Package
• Types up to 400 V VRRM
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
1N3889 (R) 1N3890 (R) 1N3891 (R) 1N3892 (R)
Unit
Repetitive peak reverse
voltage
VRRM
50
100
200
300
V
RMS reverse voltage
VRMS
35
70
140
280
V
420
1N3889 thru 1N3893R
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
Silicon Fast
Recovery Diode
2. Reverse polarity (R): Stud is anode.
1N3893 (R)
400
DC blocking voltage
VDC
50
100
200
400
V
Continuous forward current
IF
12
12
12
12
A
Operating temperature
Tj
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Parameter
Symbol
1N3889 (R) 1N3890 (R) 1N3891 (R) 1N3892 (R)
Unit
Diode forward voltage
1.4
1.4
1.4
1.4
25
25
25
25
μA
66
6
6
mA
Recovery Time
Maximum reverse recovery
time
TRR
200
200
200
200
nS
Thermal characteristics
Thermal resistance, junction
- case
RthJC
2.0
2.0
2.0
2.0
°C/W
1N3893 (R)
2.0
12
600
90
25
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
VR = 50 V, Tj = 150 °C
V
6
200
VR = 50 V, Tj = 25 °C
IF = 12 A, Tj = 25 °C
TC ≤ 100 °C
Conditions
90
90
TC = 25 °C, tp = 8.3 ms
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
A
Reverse current
IR
VF
1.4
-55 to 150
-55 to 150
IF,SM
90
90
www.genesicsemi.com/silicon-products/fast-recovery-rectifiers/
1


Numéro de pièce similaire - 1N3889

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N3889 MICROSEMI-1N3889 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
1N3889 MICROSEMI-1N3889 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
1N3889 VISHAY-1N3889 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Description similaire - 1N3889

FabricantNo de pièceFiches techniqueDescription
logo
GeneSiC Semiconductor, ...
FR85B05 GENESIC-FR85B05 Datasheet
737Kb / 3P
   Silicon Fast Recovery Diode
FR16K05 GENESIC-FR16K05 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
FR20A02 GENESIC-FR20A02 Datasheet
690Kb / 3P
   Silicon Fast Recovery Diode
1N3879 GENESIC-1N3879_16 Datasheet
746Kb / 3P
   Silicon Fast Recovery Diode
FR6A02 GENESIC-FR6A02_16 Datasheet
768Kb / 3P
   Silicon Fast Recovery Diode
FR6A05 GENESIC-FR6A05_16 Datasheet
823Kb / 3P
   Silicon Fast Recovery Diode
FR30K05 GENESIC-FR30K05_16 Datasheet
682Kb / 3P
   Silicon Fast Recovery Diode
FR40B02 GENESIC-FR40B02_16 Datasheet
683Kb / 3P
   Silicon Fast Recovery Diode
FR85B05 GENESIC-FR85B05_16 Datasheet
751Kb / 3P
   Silicon Fast Recovery Diode
FR40B05 GENESIC-FR40B05_18 Datasheet
775Kb / 3P
   Silicon Fast Recovery Diode
FR12K05 GENESIC-FR12K05 Datasheet
728Kb / 3P
   Silicon Fast Recovery Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com