Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT374 Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 74FCT374
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT374 Fiches technique(HTML) 1 Page - Integrated Device Technology

  74FCT374 Datasheet HTML 1Page - Integrated Device Technology 74FCT374 Datasheet HTML 2Page - Integrated Device Technology 74FCT374 Datasheet HTML 3Page - Integrated Device Technology 74FCT374 Datasheet HTML 4Page - Integrated Device Technology 74FCT374 Datasheet HTML 5Page - Integrated Device Technology 74FCT374 Datasheet HTML 6Page - Integrated Device Technology 74FCT374 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MILITARYANDCOMMERCIAL TEMPERATURERANGES
IDT54/74FCT374/A/C
FAST CMOS OCTAL D REGISTERS (3-STATE)
1
JUNE 2002
MILITARY AND COMMERCIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2002 Integrated Device Technology, Inc.
DSC-5423/2
FEATURES:
• IDT54FCT374 equal to FAST™ speed and drive
• IDT54/74FCT374A up to 30% faster than FAST
• IDT74FCT374C up to 50% faster than FAST
•IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• Edge-triggered master/slave, D-type flip-flops
• Buffered common clock and buffered common 3-state control
• MIlitary product compliant to MIL-STD-883, Class B
• Meets or exceeds JEDEC Standard 18 specifications
• Available in the following packages:
– Commercial: SOIC
– Military: CERDIP, LCC
FUNCTIONAL BLOCK DIAGRAM
IDT54/74FCT374/A/C
FAST CMOS OCTAL
D REGISTERS (3-STATE)
DESCRIPTION:
TheFCT374isan8-bitregisterbuiltusinganadvanceddualmetalCMOS
technology. These registers consist of eight D-type flip-flops with a buffered
common clock and buffered 3-state output control. When the output enable
(OE) is low, the eight outputs are enabled. When the OE input is high, the
outputs are in the high-impedance state.
Input data meeting the set-up and hold time requirements of the D inputs
is transferred to the O outputs on the low-to-high transition of the clock input.
The FCT374 has non-inverting outputs with respect to the data at the D
inputs.
CP
O0
O1
O2
O3
O4
O5
O6
O7
OE
D
Q
CP
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
D
Q
CP
CP
CP
CP
CP
CP
CP
D0
D1
D2
D3
D4
D5
D6
D7


Numéro de pièce similaire - 74FCT374

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74FCT374ADCQB NSC-74FCT374ADCQB Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT374ADCQR NSC-74FCT374ADCQR Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT374ADCX NSC-74FCT374ADCX Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT374ADMQB NSC-74FCT374ADMQB Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT374ADMQR NSC-74FCT374ADMQR Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results

Description similaire - 74FCT374

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
   FAST CMOS OCTAL D REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
   FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com