Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-3650OOA2 Fiches technique(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-3650OOA2 Fiches technique(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 8 page 4 Electrical/Optical Characteristics at TA = 25°C High Efficiency Red Yellow Green Symbol Description Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Unit Condition λ P Peak 635 583 565 nm Wavelength λ d Dominant 626 585 569 nm Note 4 Wavelength ∆λ1/2 Spectral Line 40 36 28 nm Halfwidth R θ J-PIN Thermal 290 290 290 °C/W Junction to Resistance Cathode Lead (Note 6) R θ J-PIN Thermal 210 210 210 °C/W Junction to Resistance Cathode Lead (Note 7) IF Forward 13 20 13 20 13 20 mA VF = 12 V Current 12 V Devices IF Forward 10 15 10 15 10 15 mA VF = 5 V Current 5 V Devices η V Luminous 145 500 595 lumen Note 2 Efficacy /Watt V R Reverse 5.0 5.0 5.0 V I R = 100 µA Breakdown Voltage Test Notes: 4. The dominant wavelength, λ d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 5. Radiant intensity, I e, in watts/steradian, may be found from the equation Ie = lV/ηV, where lV is the luminous intensity in candelas and η V is the luminous efficacy in lumens/Watt. 6. For Figure A package type. 7. For Figure B package type. |
Numéro de pièce similaire - HLMP-3650OOA2 |
|
Description similaire - HLMP-3650OOA2 |