Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB5100 Fiches technique(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No de pièce SB5100
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Site Internet  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SB5100 Fiches technique(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SB5100 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB5100 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB5100 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB5100 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SB5100 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0092, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SB5100
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB5100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Maximum RMS Voltage
VRMS
70
V
Average Rectified Output Current
(Note 1)
@TA = 105°C
IF(AV)
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
120
A
Forward Voltage
@IF = 5.0A,TA = 25°C
@IF = 5.0A,TA = 125°C
VFM
0.85
0.70
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
0.5
10
mA
Maximum Junction Capacitance (Note 2)
Cj
250
pF
Typical Thermal Resistance Junction to Ambient
RθJA
25
K/W
Storage Temperature Range
TJ ,TSTG
-55 to +150
°C
Case Style
DO-201AD
Note:1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1MHz and applied reverse voltage of 5.0V D.C.


Numéro de pièce similaire - SB5100

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
SB5100 DGNJDZ-SB5100 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB5100 PANJIT-SB5100 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Compact Technology Corp...
SB5100 CTC-SB5100 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
SMC Diode Solutions Co....
SB5100 SMCDIODE-SB5100 Datasheet
189Kb / 4P
   SB5100 SCHOTTKY RECTIFIER
Rev. B
logo
SUNMATE electronic Co.,...
SB5100 SUNMATE-SB5100 Datasheet
127Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
More results

Description similaire - SB5100

FabricantNo de pièceFiches techniqueDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com