Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-1680OOA1 Fiches technique(PDF) 1 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-1680OOA1
Description  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1680OOA1 Fiches technique(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-1680OOA1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1680OOA1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1680OOA1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1680OOA1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1680OOA1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1680OOA1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1680OOA1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1680OOA1 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
T-13/4 (5 mm), T-1 (3 mm),
5 Volt, 12 Volt, Integrated
Resistor LED Lamps
Technical Data
Features
• Integral Current Limiting
Resistor
• TTL Compatible
Requires no External Current
Limiter with 5 Volt/12 Volt
Supply
• Cost Effective
Saves Space and Resistor Cost
• Wide Viewing Angle
• Available in All Colors
Red, High Efficiency Red,
Yellow, and High Performance
Green in T-1 and
T-13/4 Packages
Description
The 5 volt and 12 volt series
lamps contain an integral current
limiting resistor in series with the
LED. This allows the lamp to be
driven from a 5 volt/12 volt
source without an external
current limiter. The red LEDs are
made from GaAsP on a GaAs
substrate. The High Efficiency
Red and Yellow devices use
GaAsP on a GaP substrate.
The green devices use GaP on a
GaP substrate. The diffused lamps
provide a wide off-axis viewing
angle.
The T-13/4 lamps are provided
with sturdy leads suitable for wire
wrap applications. The T-13/4
lamps may be front panel
mounted by using the HLMP-0103
clip and ring.
Figure A. T-1 Package.
Figure B. T-13/4 Package.
Package Dimensions
HLMP-1600, HLMP-1601
HLMP-1620, HLMP-1621
HLMP-1640, HLMP-1641
HLMP-3600, HLMP-3601
HLMP-3650, HLMP-3651
HLMP-3680, HLMP-3681


Numéro de pièce similaire - HLMP-1680OOA1

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1601 AVAGO-HLMP-1601 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
More results

Description similaire - HLMP-1680OOA1

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com