Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-4740G0B01 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-4740G0B01
Description  T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-4740G0B01 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-4740G0B01 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-4740G0B01 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-4740G0B01 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-4740G0B01 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-4740G0B01 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-4740G0B01 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-4740G0B01 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-4740G0B01 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-4740G0B01 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Selection Guide
Luminous Intensity Iv
(mcd) at 2 mA
Package
Package Description
Color
Device HLMP-
Min.
Typ.
Max.
2
θ1/2
Outline
T-1 3/4 Tinted Diffused
Red
4700
1.5
2.3
50
A
4700-C00xx
1.5
2.3
4700-CD0FH
1.5
2.3
4.2
Yellow
4719
0.9
2.1
4719-A00xx
0.9
2.1
Green
4740
1.0
2.3
4740-A00xx
1.0
2.3
4740-AB000
1.0
2.3
3.2
T-1 Tinted Diffused
Red
1700
0.8
2.1
50
B
1700-B00xx
0.8
2.1
Yellow
1719
0.9
2.1
1719-A00xx
0.9
2.1
1719-ABB00
0.9
2.1
2.8
Green
1790
1.0
2.3
1790-A00xx
1.0
2.3
1790-AB0FH
1.0
2.4
3.2
Note:
1.
θ1/2 is the typical off-axis angle at which the luminous intensity is half the axial luminous intensity.


Numéro de pièce similaire - HLMP-4740G0B01

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
HLMP-4740 QT-HLMP-4740 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-4740 FAIRCHILD-HLMP-4740 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4740 AVAGO-HLMP-4740 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-4740 AVAGO-HLMP-4740 Datasheet
294Kb / 10P
   Telecommunications indicators
HLMP-4740 AVAGO-HLMP-4740 Datasheet
294Kb / 10P
   Telecommunications indicators
More results

Description similaire - HLMP-4740G0B01

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com