Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSC3100-ST Fiches technique(PDF) 7 Page - Agilent(Hewlett-Packard)

No de pièce LSC3100-ST
Description  14 Pin DIL Uncooled Laser Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3100-ST Fiches technique(HTML) 7 Page - Agilent(Hewlett-Packard)

  LSC3100-ST Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3100-ST Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3100-ST Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3100-ST Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3100-ST Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3100-ST Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3100-ST Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
486
Ordering Information
LSC3X00 - XX
Connectors:
FP = FC/PC Polish
ST = ST®
BI = Biconic
SA = SMA
SC = SC
DN = DIN
SF = Super Polish FC/PC
Power Range:
1 = 1 mW minimum
3 = 100
µW minimum
CDRH Certification
Hewlett-Packard Ltd
Whitehouse Road
Ipswich, Suffolk IP1 5PB
England
Manufactured: ____ Serial No. ____
Model No. ____________
This product conforms to the applicable
requirements of 21 CFR 1040 at the date of
manufacture.
Laser Warning
ST® is a Registered Trademark of AT&T.


Numéro de pièce similaire - LSC3100-ST

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
   The information described in this specification is preliminary and can be changed without prior notice
logo
Dialight Corporation
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX_12 Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSC3C4M3GEX DIALIGHT-LSC3C4M3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
logo
Honeywell Solid State E...
LSC3K HONEYWELL-LSC3K Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Description similaire - LSC3100-ST

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
LSCX110 HP-LSCX110 Datasheet
156Kb / 8P
   1 mW 14 Pin DIL Cooled Laser Modules
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
   2.5 mW 14 Pin DIL Cooled Laser Module
logo
Roithner LaserTechnik G...
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
   Pigtailed 14-PIN DIL Laser Diode with TEC
logo
EUROQUARTZ limited
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
   CMOS 14 pin DIL compatible,
ZY2000 EUROQUARTZ-ZY2000 Datasheet
75Kb / 1P
   MIL Compliant/14 pin DIL
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com