Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSC2210-ST Fiches technique(PDF) 4 Page - Agilent(Hewlett-Packard)

No de pièce LSC2210-ST
Description  14 PIN DFB Laser Module with Cooler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC2210-ST Fiches technique(HTML) 4 Page - Agilent(Hewlett-Packard)

  LSC2210-ST Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC2210-ST Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC2210-ST Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC2210-ST Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC2210-ST Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC2210-ST Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
477
Absolute Maximum Ratings at 25
°C
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided
each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time.
Parameter
Minimum
Maximum
Units
Laser Forward Current
-
150
mA
Laser Reverse Current
-
10
µA
Laser Reverse Voltage
-
2.0
V
Photodiode Forward Current
-
1
mA
Photodiode Reverse Voltage (Vr)
-
-10
V
Fiber Pull Strength
-
10
N
Operating Temperature (Case)
-20
+65
°C
Storage Temperature
-40
+85
°C
Mechanical Shock
Mil Std 883, Method 2002, Test Condition B
Vibration
Mil Std 883, Method 2007, Test Condition A
Performance Specification - Laser [1]
Parameter
Minimum
Maximum
Units
Threshold Current (Ith)-
60
mA
Fiber Output Power (Pf)1
-
mW
at Ith +40 mA
0
-
dBm
Rise Time: 10% to 90%; Ith to Ith +25 mA
-
0.4
ns
Fall Time: 90% to 10%; Ith +25 mA to Ith
-
0.4
ns
Peak Wavelength
1520
1565
nm
Spectral Width (-20 dB, >20 dB ORL) [2], Modulated [3]
-
0.8
nm
Temperature Dependence of Peak Wavelength
-
0.10
nm/
°C
Sidemodes (CW)
-
-30
dB
Sidemodes (Modulated) [3]
-
-30
dB
Notes:
1. At 25
°C and Pf = 1 mW unless otherwise specified.
2. As measured using optical spectrum analysis.
3. Measured at 565 Mbit/s, Ith -2 mA = “0” level. Ith +40 mA = “1” level.


Numéro de pièce similaire - LSC2210-ST

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
LSC221EHI MPD-LSC221EHI Datasheet
302Kb / 2P
   LSC200EHI SERIES
More results

Description similaire - LSC2210-ST

FabricantNo de pièceFiches techniqueDescription
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1622 EMCORE-1622 Datasheet
635Kb / 6P
   1622 CWDM DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Source Photonics, Inc.
SPP-10E-LR-EDFF SOURCE-SPP-10E-LR-EDFF Datasheet
445Kb / 7P
   1310nm DFB laser and PIN receiver
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
   1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com