Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IVA-14208 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce IVA-14208
Description  Silicon Bipolar MMIC 2.5 GHz Variable Gain Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IVA-14208 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  IVA-14208 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 4Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 5Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 6Page - Agilent(Hewlett-Packard) IVA-14208 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6-187
IVA-14228 Typical Performance Curves
Figure 3. IVA-14228 Gain vs.
Frequency and VGC; VCC = 6 V, Tcase =
25
°C.
Figure 2. IVA-142X8 Connection Diagram Showing Balanced Inputs and
Unbalanced Outputs. Inputs and Outputs May Be Either Balanced or Unbalanced.
Figure 4. IVA-14228 P1dB and Gain vs.
VGC; VCC = 6 V, Tcase = 25°C.
Figure 5. IVA-14228 Noise Figure vs.
Frequency and VGC; VCC = 6 V, Tcase =
25
°C.
Figure 6. IVA-14228 IGC vs. VGC; VCC =
6 V, Tcase = 25°C.
Figure 7. IVA-14228 VSWR vs.
Frequency; VCC = 6 V, VGC = 0 V, Tcase =
25
°C.
Figure 8. IVA-14228 VSWR vs.
Frequency; VCC = 6 V, VGC = 5 V, Tcase =
25
°C.
Figure 9. IVA-14228 Group Delay vs.
Frequency; VGC = 0 V, VCC = 6 V, Tcase =
25
°C.
30
20
10
0
-10
-20
-30
0.1
1.0
3.0
FREQUENCY (GHz)
V
< 3 V
GC
3.75 V
4.0 V
5.0 V
30
20
10
-10
-20
-30
03
5
P1dB
GAIN
12
4
0
-40
V
(VOLTS)
GC
25
20
15
10
5
0.1
1.0
3.0
FREQUENCY (GHz)
V
= 0 V
GC
V
= 3.75 V
GC
4
3
2
1
03
5
12
4
0
V
(VOLTS)
GC
4:1
3:1
2:1
1:1
0.1
1.0
3.0
FREQUENCY (GHz)
OUTPUT
INPUT
3:1
2:1
1:1
0.1
1.0
3.0
FREQUENCY (GHz)
OUTPUT
INPUT
500
400
300
200
100
0.1
1.0
3.0
FREQUENCY (GHz)
INPUT +
INPUT -
OUTPUT +
50
V
V
ALL C = 1000 pF
GC
CC


Numéro de pièce similaire - IVA-14208

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208-STR HP-IVA-05208-STR Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05208-TR1 HP-IVA-05208-TR1 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
More results

Description similaire - IVA-14208

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
IVA-05208 HP-IVA-05208 Datasheet
65Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05128 HP-IVA-05128 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0836 AVAGO-MSA-0836 Datasheet
376Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier Usable Gain to 6.0 GHz
logo
Hittite Microwave Corpo...
HMC152 HITTITE-HMC152 Datasheet
136Kb / 4P
   PHASE COMPENSATED VARIABLE GAIN AMPLIFIER 2.5 - 5.0 GHz
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
   Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com