Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDZ22 Fiches technique(PDF) 2 Page - Rohm

No de pièce TDZ22
Description  Constant voltage control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TDZ22 Fiches technique(HTML) 2 Page - Rohm

  TDZ22 Datasheet HTML 1Page - Rohm TDZ22 Datasheet HTML 2Page - Rohm TDZ22 Datasheet HTML 3Page - Rohm TDZ22 Datasheet HTML 4Page - Rohm TDZ22 Datasheet HTML 5Page - Rohm TDZ22 Datasheet HTML 6Page - Rohm TDZ22 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
TDZ series
lElectrical characteristics
(Ta= 25°C)
MIN.
MAX.
IZ(mA)
MAX.
VR(V)
TDZ 5.1
4.60
5.60
10
10
1.5
TDZ 5.6
5.10
6.10
10
10
2.5
TDZ 6.2
5.60
6.80
10
10
3.0
TDZ 6.8
6.20
7.40
10
10
3.5
TDZ 7.5
6.80
8.30
10
10
4.5
TDZ 8.2
7.40
9.00
10
10
4.9
TDZ 9.1
8.20
10.00
10
10
5.5
TDZ 10
9.00
11.00
10
10
6.0
TDZ 11
9.90
12.10
10
10
7.0
TDZ 12
10.80
13.20
10
10
8.0
TDZ 13
11.70
14.30
10
10
9.0
TDZ 15
13.50
16.50
10
10
10.0
TDZ 16
14.40
17.60
10
10
11.0
TDZ 18
16.20
19.80
10
10
12.0
TDZ 20
18.00
22.00
10
10
14.0
TDZ 22
19.80
24.20
10
10
15.0
TDZ 24
21.60
26.40
10
10
16.0
TDZ 27
24.30
29.70
10
10
19.0
TDZ 30
27.00
33.00
10
10
21.0
(1) The Zener voltage (Vz) is measured 40ms after power is supplied.
(2) The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
lMARKING
(TYPE NO.)
TYP.
Reverse current
:
IR(mA)
Symbol
Zener voltage : VZ(V)
TYPE
TYPE NO.
TYPE
TYPE NO.
TDZ 5.1
A2
TDZ 13
35
TDZ 5.6
C2
TDZ 15
45
TDZ 6.2
E2
TDZ 16
55
TDZ 6.8
F2
TDZ 18
65
TDZ 7.5
H2
TDZ 20
75
TDZ 8.2
J2
TDZ 22
85
TDZ 9.1
L2
TDZ 24
95
TDZ 10
05
TDZ 27
A5
TDZ 11
15
TDZ 30
C5
TDZ 12
25
2/6
2013.11 - Rev.D


Numéro de pièce similaire - TDZ22

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TDZ22 ROHM-TDZ22 Datasheet
160Kb / 5P
   Zener diode
TDZ22 ROHM-TDZ22 Datasheet
143Kb / 5P
   Zener diode
TDZ22 ROHM-TDZ22 Datasheet
143Kb / 5P
   Zener diode
TDZ22 ROHM-TDZ22 Datasheet
142Kb / 5P
   Zener diode
TDZ22 ROHM-TDZ22 Datasheet
371Kb / 7P
   Zener Diode
More results

Description similaire - TDZ22

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
UDZSTE-176.8B ROHM-UDZSTE-176.8B Datasheet
159Kb / 5P
   Constant voltage control
UDZSTE-178.2B ROHM-UDZSTE-178.2B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1710B ROHM-UDZSTE-1710B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1715B ROHM-UDZSTE-1715B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR30 ROHM-TDZTR30 Datasheet
358Kb / 7P
   Constant voltage control
GDZT2R5.6 ROHM-GDZT2R5.6 Datasheet
117Kb / 5P
   Constant voltage control
MTZJT7724B ROHM-MTZJT7724B Datasheet
54Kb / 4P
   Constant voltage control
UDZSTE-1711B ROHM-UDZSTE-1711B Datasheet
159Kb / 5P
   Constant voltage control
EDZTE6112B ROHM-EDZTE6112B Datasheet
480Kb / 5P
   Constant voltage control
TDZTR7 ROHM-TDZTR7 Datasheet
356Kb / 7P
   Constant voltage control
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com