Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMMC-2027 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce HMMC-2027
Description  DC-26.5 GHz SPDT GaAs MMIC Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-2027 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  HMMC-2027 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-2027 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-2027 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-2027 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-2027 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-2027 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7-33
DC Specifications/Physical Properties, T
A = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
I l
Leakage Current @ -10 V
µA
200
Pinch-Off Voltage (VSEL2 = Vp, VRFout2 = +2 V,
Vp
IRFout2 = 2 mA, VSEL1 = -10 V, VRFout1 = open circuit,
V
-6.75
-3.00
VRFin = GND
BVgss
Breakdown Voltage (Test FET w/VD = VS = GND,
IG = -50 µA)
V
-13.0
RF Specifications, T
A = 25°C, ZO = 50 Ω, Vsel-high = 0 V, Vsel-low = -10 V
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
BW
Guaranteed Operating Bandwidth
GHz
DC
26.5
IL
Insertion Loss, RFin to Selected RFout,f = 26.5 GHz, ON throw
dB
2.5
3.0
ISO
Isolation, RFin to Unselected RFout,f = 26.5 GHz, OFF throw
dB
27
30
ISO
Isolation, RFin to Unselected RFout, f = 18 GHz, OFF throw
dB
40
43
RL in
Input Return Loss
dB
12
15
RL out-ON
Output Return Loss, ON throw
dB
13
16
RLout-OFF
Output Return Loss, OFF throw
dB
9
12
P1 dB
Input Power where IL increases by 1 dB
fin = 2 GHz
dBm
27
t s
Switching Speed, 10% – 90% RF Envelope
fin = 2 GHz
ns
1


Numéro de pièce similaire - HMMC-2027

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HMMC-2006 HP-HMMC-2006 Datasheet
89Kb / 6P
   DC-6 GHz Unterminated SPDT Switch
HMMC-2007 HP-HMMC-2007 Datasheet
79Kb / 6P
   DC-8 GHz Terminated SPDT Switch
More results

Description similaire - HMMC-2027

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4 GHz
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC240 HITTITE-HMC240 Datasheet
115Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 4.0 GHz
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com