Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST146001 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce ST146001
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST146001 Fiches technique(HTML) 1 Page - E-SWITCH

  ST146001 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
1004P6T8B13M1QEH
2:1
10/6/2006
ST146001
B
TN
1
1
POS. 1POS. 2POS. 3
SWITCH FUNCTION
ON
ON
ON
2-3, 5-6,
8-9, 11-12
2-3, 5-4,
8-9, 11-10
2-1, 5-4,
8-7, 11-10
25
~
POS.1
POS. 2
POS. 3
12.70
[.500 in]
21.59
[.850 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2A @ 250VAC
5A @ 120VAC OR 28VDC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
12. HARDWARE TO BE SHIPPED BULK
T100004 - HEXNUT - QTY 2
T100012 - LOCKWASHER - QTY 1
T100003 - LOCKRING - QTY 1
E-SWITCH
MARKING ON
OPPOSITE SIDE
B
16518
INVENTOR DRAWN, EDITS DONE
10/06/2006
TN
3
2
1
10
7
4
1
4PDT 3 WAY CIRCUIT
NOTE: JUMPER PIN 3 TO 5
12
11
10
9
8
7
6
5
4
6
5
4
3
2
1
3
2
1
POS. 1
POS. 2
POS. 3
12
11
10
9
8
7
3
2
1
12
11
10
9
8
7
6
5
4
(IN)
(IN)
(IN)
(IN)
(IN)
(IN)
(OUT)
(OUT)
(OUT)
(OUT)
(OUT)
(OUT)
10.54
[.415 in]
11.38
[.448 in]
3.96
[.156 in]
4.83
[.190 in]
2.03
[.080 in]
1.19
[.047 in]
1.65
[.065 in]
.76
[.030 in]
4.70
[.185 in]
EPOXY SEAL
15/32-32UNS-2A
.79
[.031 in]
1.98
[.078 in]
17.45
[.687 in]


Numéro de pièce similaire - ST146001

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
ST146003 E-SWITCH-ST146003 Datasheet
144Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST146009 E-SWITCH-ST146009 Datasheet
232Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST146001

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com