Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST131040 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce ST131040
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST131040 Fiches technique(HTML) 1 Page - E-SWITCH

  ST131040 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
1003P4T6B11M1QEH
1.5 : 1
8/8/2008
ST131040
A
BLR
1
1
PANEL
Without Locking
Ring
With Standard
Locking Ring
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
(ON)
(ON)
2-3, 5-6,
8-9
OPEN
2-1, 5-4,
8-7
2
1
3
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5A @120 VAC (or 28 VDC)
2A @250 VAC
6. LIFE EXPECTANCY: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
5
4
6
8
7
9
CIRCUIT: 3PDT
A
18198
RELEASED FOR PRODUCTION
8/8/08
BLR
3
6
9
9
8
7
POS. 1
POS. 2
POS. 3
6.10
[.240 in]
.85
[.033 in]
.55
[.022 in]
MOUNTING
R3.18
[.125 in]
n2.38
[.094 in]
n6.35
[.250 in]
KEYWAY
(ON) = MOMENTARY
16.51
[.650 in]
12.70
[.500 in]
2.54
[.100 in]
5.08
[.200 in]
8.99
[.354 in]
14.50
[.571 in]
4.70
[.185 in]
.76
[.030 in]
4.83
[.190 in]
1.98 x 1.19
SLOT
E-SWITCH
LOGO ON
OPPOSITE SIDE
1/4-40 UNS-2A
3.96
[.156 in]
12.29
[.484 in]
25°
EPOXY
SEAL
1.44
[.057 in]
12.06
[.475 in]


Numéro de pièce similaire - ST131040

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
ST131002 E-SWITCH-ST131002 Datasheet
146Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131003 E-SWITCH-ST131003 Datasheet
126Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131012 E-SWITCH-ST131012 Datasheet
157Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131013 E-SWITCH-ST131013 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131017 E-SWITCH-ST131017 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST131040

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com