Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMA-DX05 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard)

No de pièce HLMA-DX05
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMA-DX05 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMA-DX05 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMA-DX05 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMA-DX05 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMA-DX05 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMA-DX05 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMA-DX05 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMA-DX05 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1-53
HLMP-D115/D120/J100/J150 TS AlGaAs Red Lamps
Absolute Maximum Ratings at TA = 25°C
HLMP-
HLMP-
HLMP-
HLMP-
Parameter
D115
D120
J100
J150
Units
DC Forward Current[1]
50
50
50
50
mA
Peak Forward Current[2]
300
300
300
300
mA
Average Input Power[2]
100
100
100
100
mW
Reverse Voltage (IR = 100 µA)
55
55
V
Operating Temperature Range
-55 to
-55 to
-55 to
-55 to
°C
+100
+100
+100
+100
Storage Temperature Range
-55 to
-55 to
-55 to
-55 to
°C
+100
+100
+100
+100
Junction Temperature
110
°C
Soldering Temperature
260
°C for 5 second
[1.59 mm (0.06 in.) below seating plane]
Notes:
1. Derate linearly as shown in Figure 12.
2. Any pulsed operation cannot exceed the Absolute Max Peak Forward current as specified in Figure 13.
Optical Characteristics at TA = 25°C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
Luminous
IV (mcd)
Wavelength
Wavelength
2
θ
1/2
Efficacy
Part Number
@ 20 mA[1]
λ
peak (nm)
λ
d
[2] (nm)
Degrees[3]
η
v
HLMP-
Min.
Typ.
Typ.
Typ.
Typ.
(lm/w)
D115
138
250
654
644
40
85
D120
138
350
654
644
25
85
J100
39
175
654
644
55
85
J150
1.3
3.0
654
644
55
85
Notes:
1.
φ
v is the total luminous flux output as measured with an integrating sphere.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3.
θ
1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
Electrical Characteristics at TA = 25°C
Forward
Reverse
Capacitance
Speed of Response
Voltage
Breakdown
C (pF)
τs (ns)
Part
VF (Volts)
VR (Volts)
VF = 0
Thermal
Time Constant
Number
@ IF = 20 mA
@ IR = 100 µA
f = 1 mHz
Resistance
e-t/τs
HLMP-
Min.
Typ.
Min.
Typ.
Typ.
R
θ
J-PIN (°C/W)
Typ.
D115
1.85
2.4
5
20
20
260
45
D120
1.85
2.4
5
20
20
260
45
J100
1.85
2.4
5
20
20
290
45
J150
1.6
1.9
5
20
20
290
45


Numéro de pièce similaire - HLMA-DX05

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMA-DX00 HP-HLMA-DX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results

Description similaire - HLMA-DX05

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com