Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5231-100 Fiches technique(PDF) 11 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-5231-100
Description  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5231-100 Fiches technique(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5231-100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5231-100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5231-100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5231-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5231-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5231-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5231-100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5231-100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5231-100 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 13. Recommended LSTTL to LSTTL Circuit.
Figure 14. Single Channel Operating Circuit for Burn-in and Steady State Life Tests.
GND
VCC
VE
D.U.T.*
*ALL CHANNELS TESTED SIMULTANEOUSLY.
CONDITIONS: IF = 8 mA
VCC + 20 V
VIN
+–
IF
IO = -14 mA
0.01 µF
TA = +125 °C
1.90 V
100
IO
1200
GND
VCC
D.U.T.
619
VCC1
(+5 V)
OPEN
COLLECTOR
GATE
TTL OR
LSTTL
DATA
INPUT
4.02 K
Figure 12. Series LED Drive with Open Collector Gate
(4.02 k
Resistor Shunts I
OH from the LED).
GND
VCC
D.U.T.
665
VCC1
(+5 V)
TOTEM
POLE
OUTPUT
GATE
TTL OR
LSTTL
DATA
INPUT
TTL OR
LSTTL
DATA
INPUT
665
TOTEM
POLE
OUTPUT
GATE
1
1
2
0.1
µF
DATA
OUTPUT
VCC2
(+5 V)
DATA
OUTPUT
UP TO 16 LSTTL
LOADS
OR 4 TTL LOADS
UP TO 16 LSTTL
LOADS
OR 4 TTL LOADS


Numéro de pièce similaire - HCPL-5231-100

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5231 AVAGO-HCPL-5231 Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results

Description similaire - HCPL-5231-100

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com