Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST121113 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce ST121113
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST121113 Fiches technique(HTML) 1 Page - E-SWITCH

  ST121113 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB MOUNTING
PANEL MOUNTING
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP1T2B1M7QEH
12/10/2013
ST121113
A
EBP
1
1
A
21324
RELEASED FOR PRODUCTION
12/10/13
EBP
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5 AMPS @ 120VAC OR 28VDC
2 AMPS @ 250VAC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. CONTACT RESISTANCE: 10 mMAX (INITIAL)
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
13. HARDWARE TO BE SHIPPED BULK:
T100011 - LOCK WASHER (1)
T100015 - LOCK RING (1)
T100000 - HEX NUT (2)
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
2
1
3
CIRCUIT: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
4
5
6
3
9.39
[.370 in]
12.70
[.500 in]
11.43
[.450 in]
6
5
4
6
25~
POS. 1
POS. 3
KEYWAY
2.67
[.105 in]
n
5.08
[.200 in]
EPOXY SEAL
1/4-40 UNS-2A
3.18
[.125 in]
12.70
[.500 in]
3.81
[.150 in]
8.39
[.330 in]
4.83
[.190 in]
1.27
[.050 in]
3.81
[.150 in]
.76
[.030 in]
1.02
[.040 in]
.71
[.028 in]
100DP1T2B1M71QE
(T111120)
5.08
[.200 in]
4.83
[.190 in]
16.51
[.650 in]
3.81
[.150 in]
3.81
[.150 in]
n1.85
[.073 in]
n6.35
[.250 in]
n6.35
[.250 in]
n2.38
[.094 in]
6.10
[.240 in]
.85
[.033 in]
.55
[.022 in]
WITHOUT LOCKRING
WITH LOCKRING
.50
[.020 in]
5.08
[.200 in]
1.22
[.048 in]


Numéro de pièce similaire - ST121113

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
ST121115 E-SWITCH-ST121115 Datasheet
186Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121116 E-SWITCH-ST121116 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST121113

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com