Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST121106 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce ST121106
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST121106 Fiches technique(HTML) 1 Page - E-SWITCH

  ST121106 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP1T3B1M3QEH
2:1
1/31/2008
ST121106
A
BLR
1
1
POS. 1
POS. 3
PANEL
MOUNTING
Without Locking
Ring
With Standard
Locking Ring
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. CONTACT RESISTANCE: 10 m OHMS MAX.
6. RATING: 5A @ 120 VAC or 28 VDC
2A @ 250 VAC
7. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK
CYCLES AT FULL LOAD.
8. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
9. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT.
13. QUICK CONNECT TERMINALS TO MATE
WITH AMP #61454 (or equivalent).
14. HARDWARE TO BE SHIPPED BULK:
T100000 - HEXNUT - QTY. 2
T100011 - LOCKWASHER - QTY. 1
T100015 - LOCKRING - QTY. 1
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
OPEN
2-1, 5-4
2
13
CIRCUIT: DPDT
E-SWITCH
LOGO ON
OPPOSITE
SIDE
4
5
6
3
12.70
[.500 in]
11.43
[.450 in]
6
5
4
6
3.30
[.130 in]
n
A
17953
RELEASE FOR PRODUCTION
1/31/08
BLR
13.97
[.550 in]
1/4-40 UNS-2A
THREADS
KEYWAY
8.89
[.350 in]
25.0°
4.70
[.185 in]
4.83
[.190 in]
.76
[.030 in]
1.57
[.062 in]
10.41
[.410 in]
EPOXY
SEAL
5.10
[.201 in]
6.10
[.240 in]
n2.38
[.094 in]
n6.35
[.250 in]
.55
[.022 in]
.85
[.033 in]
n 6.35
[.250 in]


Numéro de pièce similaire - ST121106

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
ST121107 E-SWITCH-ST121107 Datasheet
96Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121109 E-SWITCH-ST121109 Datasheet
79Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST121106

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com