Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST121042 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce ST121042
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST121042 Fiches technique(HTML) 1 Page - E-SWITCH

  ST121042 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP1T2B3M1QEH
2:1
12/27/2006
ST121042
A
TN
1
1
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2Amps@ 250VAC
5Amps@ 120VAC or 28VDC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3,5-6
OPEN
2-1,5-4
2
13
CIRCUI: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
12.70
[.500 in]
11.43
[.450 in]
6
5
46
1/4-40 UNS-2A
THREADS
2.67
[.105 in]
n
6.86
[.270 in]
7.10
[.280 in]
A
16800
RELEASED FOR PRODUCTION
12/27/06
TN
1.02
[.040 in]
KEYWAY
.71
[.028 in]
25
~
POS. 1
POS. 2
POS. 3
2.03
[.080 in]
1.19
[.047 in]
4.83
[.190 in]
1.98
[.078 in]
8.89
[.350 in]
12.85
[.506 in]
4.70
[.185 in]
.76
[.030 in]
EPOXY SEAL


Numéro de pièce similaire - ST121042

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
ST121040 E-SWITCH-ST121040 Datasheet
124Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121041 E-SWITCH-ST121041 Datasheet
119Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121045 E-SWITCH-ST121045 Datasheet
210Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121047 E-SWITCH-ST121047 Datasheet
221Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121048 E-SWITCH-ST121048 Datasheet
225Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST121042

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com