Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX6157NL Fiches technique(PDF) 2 Page - Pulse A Technitrol Company

No de pièce CX6157NL
Description  Diplexer 50-870/975-1025 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PULSE [Pulse A Technitrol Company]
Site Internet  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX6157NL Fiches technique(HTML) 2 Page - Pulse A Technitrol Company

  CX6157NL Datasheet HTML 1Page - Pulse A Technitrol Company CX6157NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pulse
060908-A
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Proprietary & Confidential
s
n
o
it
a
c
if
i
c
e
p
S
l
a
c
i
n
a
h
c
e
M
Housing Specifications:
F-Connector: Nickel plated Brass.
F-Connector Torque Resistance: 20 inch lbs in 10 seconds
Housing: SPTE


Numéro de pièce similaire - CX6157NL

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
CX6155NL PULSE-CX6155NL Datasheet
110Kb / 2P
   Diplexer 5-865/975-1025 MHz
More results

Description similaire - CX6157NL

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
CX6155NL PULSE-CX6155NL Datasheet
110Kb / 2P
   Diplexer 5-865/975-1025 MHz
C6201SNL PULSE-C6201SNL Datasheet
468Kb / 2P
   Diplexer 975-1025 / 1125-1525 MHz
logo
M/A-COM Technology Solu...
MAFLCT0081 MA-COM-MAFLCT0081 Datasheet
82Kb / 4P
   CATV Bandpass Filter 50 - 870 / 975 - 1025 / 1125 - 1425MHz
logo
Tyco Electronics
MAFLCT0081 MACOM-MAFLCT0081 Datasheet
77Kb / 4P
   CATV Bandpass Filter 50 - 870 / 975 - 1025 / 1125 - 1425MHz
logo
WALSIN TECHNOLOGY CORPO...
RFBPF3225180Y1T WALSIN-RFBPF3225180Y1T Datasheet
795Kb / 8P
   975 ~ 1025 MHz Band RF Application
logo
M/A-COM Technology Solu...
MAFL-008070-CL0AD0 MA-COM-MAFL-008070-CL0AD0 Datasheet
65Kb / 3P
   CATV MoCA Low Pass Filter 50 - 870/ 975 - 1525 MHz
logo
Tyco Electronics
MAFLES0102 MACOM-MAFLES0102 Datasheet
103Kb / 2P
   CATV Diplexer 5 - 870 MHz
MAFLCT0006 MACOM-MAFLCT0006 Datasheet
120Kb / 3P
   Broadband CATV Diplexer 5 - 870 MHz
MAFLES0118 MACOM-MAFLES0118 Datasheet
118Kb / 3P
   Broadband CATV Diplexer 5 - 870 MHz
MAFL-007898-CD0AC0 MACOM-MAFL-007898-CD0AC0 Datasheet
90Kb / 4P
   CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com