Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1294 Fiches technique(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

No de pièce 2SA1294
Description  Silicon PNP Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Site Internet  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1294 Fiches technique(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1294 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1294 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1294 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1294 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2SA1294
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO
Collector-emitter breakdown voltage
IC=-25mA ;IB=0
-230
V
VCEsat
Collector-emitter saturation voltage
IC=-5A; IB=-0.5A
-2.0
V
ICBO
Collector cut-off current
VCB=-230V; IE=0
-100
μA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-100
μA
hFE
DC current gain
IC=-5A ; VCE=4V
50
140
Cob
Output capacitance
IE=0 ; VCB=-10V;f=1MHz
500
pF
fT
Transition frequency
IE=2A ; VCE=-12V
35
MHz
Switching times
ton
Turn-on time
0.35
μs
ts
Storage time
1.5
μs
tf
Fall time
IC=-5A;RL=12Ω
IB1=-IB2=-0.5A
VCC=-60V
0.3
μs
hFE Classifications
O
Y
50-100
70-140


Numéro de pièce similaire - 2SA1294

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
2SA1294 SANKEN-2SA1294 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
logo
Inchange Semiconductor ...
2SA1294 ISC-2SA1294 Datasheet
106Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1294 SAVANTIC-2SA1294 Datasheet
177Kb / 4P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1294 JMNIC-2SA1294 Datasheet
198Kb / 4P
   Silicon PNP Power Transistors
logo
Sanken electric
2SA1294 SANKEN-2SA1294 Datasheet
34Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
More results

Description similaire - 2SA1294

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com