Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HI-8787 Fiches technique(PDF) 4 Page - Holt Integrated Circuits

No de pièce HI-8787
Description  ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTIC [Holt Integrated Circuits]
Site Internet  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8787 Fiches technique(HTML) 4 Page - Holt Integrated Circuits

  HI-8787 Datasheet HTML 1Page - Holt Integrated Circuits HI-8787 Datasheet HTML 2Page - Holt Integrated Circuits HI-8787 Datasheet HTML 3Page - Holt Integrated Circuits HI-8787 Datasheet HTML 4Page - Holt Integrated Circuits HI-8787 Datasheet HTML 5Page - Holt Integrated Circuits HI-8787 Datasheet HTML 6Page - Holt Integrated Circuits HI-8787 Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
XMIT CLK
35
36
1234
5
31
32
33
34
35
36
561 DATA
561 SYNC
LOW DURING CLK 8
ARINC 429 DATA
(TXAOUT-TXBOUT)
phlx
t
phlx
t
plhx
t
plhx
t
0V
10V
-10V
rx
t
t fx
t
10%
90%
tt
10%
90%
t rx
t
10%
fx
XMT CLK
HOLT INTEGRATED CIRCUITS
4


Numéro de pièce similaire - HI-8787

FabricantNo de pièceFiches techniqueDescription
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8787PQI HOLTIC-HI-8787PQI Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787PQIF HOLTIC-HI-8787PQIF Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787PQIF HOLTIC-HI-8787PQIF Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
More results

Description similaire - HI-8787

FabricantNo de pièceFiches techniqueDescription
logo
Holt Integrated Circuit...
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com