Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF6645TRPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF6645TRPBF
Description  RoHS Compliant, Halogen-Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF6645TRPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF6645TRPBF Datasheet HTML 1Page - International Rectifier IRF6645TRPBF Datasheet HTML 2Page - International Rectifier IRF6645TRPBF Datasheet HTML 3Page - International Rectifier IRF6645TRPBF Datasheet HTML 4Page - International Rectifier IRF6645TRPBF Datasheet HTML 5Page - International Rectifier IRF6645TRPBF Datasheet HTML 6Page - International Rectifier IRF6645TRPBF Datasheet HTML 7Page - International Rectifier IRF6645TRPBF Datasheet HTML 8Page - International Rectifier IRF6645TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 www.irf.com
© 2012 International Rectifier
February 26, 2013
IRF6645/TRPbF
S
D
G
Electrical Characteristic @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.12
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
28
35
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
4.9
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-12
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
7.4
–––
–––
S
Qg
Total Gate Charge
–––
14
20
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.8
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.8
7.2
Qgodr
Gate Charge Overdrive
–––
5.3
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.6
–––
Qoss
Output Charge
–––
7.2
–––
nC
RG
Gate Resistance
–––
1.0
–––
Ω
td(on)
Turn-On Delay Time
–––
9.2
–––
tr
Rise Time
–––
5.0
–––
td(off)
Turn-Off Delay Time
–––
18
–––
ns
tf
Fall Time
–––
5.1
–––
Ciss
Input Capacitance
–––
890
–––
Coss
Output Capacitance
–––
180
–––
pF
Crss
Reverse Transfer Capacitance
–––
40
–––
Coss
Output Capacitance
–––
870
–––
Coss
Output Capacitance
–––
100
–––
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
25
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
45
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
31
47
ns
Qrr
Reverse Recovery Charge
–––
40
60
nC
MOSFET symbol
RG=6.2Ω
VDS = 25V
Conditions
VGS = 0V, VDS = 80V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz
VDS = 16V, VGS = 0V
VDD = 50V, VGS = 10VÃi
VGS = 0V
ƒ = 1.0MHz
ID = 3.4A
VDS = VGS, ID = 50μA
VDS = 100V, VGS = 0V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 5.7A i
TJ = 25°C, IF = 3.4A, VDD = 50V
di/dt = 100A/μs
™
TJ = 25°C, IS = 3.4A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
ID = 3.4A
VDS = 80V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 10V, ID = 3.4A
VDS = 50V
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.


Numéro de pièce similaire - IRF6645TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6645TRPBF IRF-IRF6645TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6645TRPBF IRF-IRF6645TRPBF Datasheet
226Kb / 9P
   DirectFETPower MOSFET 
More results

Description similaire - IRF6645TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com