Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STFI40N60M2 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STFI40N60M2
Description  N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI40N60M2 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STFI40N60M2 Datasheet HTML 2Page - STMicroelectronics STFI40N60M2 Datasheet HTML 3Page - STMicroelectronics STFI40N60M2 Datasheet HTML 4Page - STMicroelectronics STFI40N60M2 Datasheet HTML 5Page - STMicroelectronics STFI40N60M2 Datasheet HTML 6Page - STMicroelectronics STFI40N60M2 Datasheet HTML 7Page - STMicroelectronics STFI40N60M2 Datasheet HTML 8Page - STMicroelectronics STFI40N60M2 Datasheet HTML 9Page - STMicroelectronics STFI40N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STB40N60M2, STP40N60M2, STW40N60M2
6/21
DocID024932 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for D2PAK and
TO-220
Figure 3. Thermal impedance D2PAK and
TO-220
ID
10
1
0.1
1
100
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
0.1
Tj=150°C
Tc=25°C
Single pulse
100
AM16098v1
Figure 4. Safe operating area for TO-247
Figure 5. Thermal impedance for TO-247
ID
10
1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
0.1
Tj=150°C
Tc=25°C
Single pulse
100
AM16099v1
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
50
30
10
0
0
5
VDS(V)
10
(A)
15
70
80
5V
6V
VGS=7, 8, 9, 10V
20
40
60
90
20
4V
AM16100v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
10
80
10
30
50
70
VDS=18V
AM16101v1


Numéro de pièce similaire - STFI40N60M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
More results

Description similaire - STFI40N60M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STB24N60DM2 STMICROELECTRONICS-STB24N60DM2 Datasheet
1Mb / 21P
   N-channel 600 V, 0.175 (ohm) typ., 18 A FDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
March 2014 Rev 3
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF9N60M2 STMICROELECTRONICS-STF9N60M2 Datasheet
884Kb / 15P
   N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
March 2014 Rev 2
STF28N60M2 STMICROELECTRONICS-STF28N60M2 Datasheet
827Kb / 15P
   N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
   N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
DS9714 - Rev 4 - November 2018
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
   N-channel 600 V, 0.076 廓 typ., 34 A MDmesh??M2 EP Power MOSFETs in D짼PAK, TO-220 and TO-247 packages
January 2015 Rev 1
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
October 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com