Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD103AW Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce SD103AW
Description  400mW Small Signal Schottky Diode 20 to 40 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103AW Fiches technique(HTML) 2 Page - Micro Commercial Components

  SD103AW Datasheet HTML 1Page - Micro Commercial Components SD103AW Datasheet HTML 2Page - Micro Commercial Components SD103AW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Figure 1
Typical Forward Characteristics
0
.2
.4
.6
.8
1.0
1.2
1.4
1
2
4
6
8
10
20
40
60
80
100
200
400
600
800
1000
25
°C
Volts
MilliAmps
Figure 3
Typical Reverse Characteristics
04
8
12
16
20
24
28
32
36
40
.001
.01
.1
1
10
100
25
°C
Typical Reverse Current - mA versus
Reverse Voltage - Volts
µA
Volts
Figure 2
Typical Junction Capacitance
Junction Capacitance - pF versus
Reverse Voltage - Volts
Volts
pF
0.
0.5
1.0
5.0
10
50
100
1
2
4
6
10
20
40
60
100
SD103AW thru SD103CW
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Revision:
B
20
13/01/01


Numéro de pièce similaire - SD103AW

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
SD103AW SMC-SD103AW Datasheet
169Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
SUNMATE electronic Co.,...
SD103AW SUNMATE-SD103AW Datasheet
995Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SD103AW BILIN-SD103AW Datasheet
148Kb / 3P
   Schottky Barrier Diode
logo
DONGGUAN YOU FENG WEI E...
SD103AW YFWDIODE-SD103AW Datasheet
469Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Description similaire - SD103AW

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SD103CW-TP MCC-SD103CW-TP Datasheet
206Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AW MCC-SD103AW Datasheet
172Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS MCC-SD103AWS Datasheet
173Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS-TP MCC-SD103AWS-TP Datasheet
188Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AW MCC-SD103AW_17 Datasheet
209Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS MCC-SD103AWS_13 Datasheet
188Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
logo
Rectron Semiconductor
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD101CW RECTRON-SD101CW Datasheet
140Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com