Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FPXLF100-20 Fiches technique(PDF) 1 Page - Fox Electronics

No de pièce FPXLF100-20
Description  Plastic Encased SMD Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOX [Fox Electronics]
Site Internet  http://www.foxonline.com
Logo FOX - Fox Electronics

FPXLF100-20 Fiches technique(HTML) 1 Page - Fox Electronics

  FPXLF100-20 Datasheet HTML 1Page - Fox Electronics FPXLF100-20 Datasheet HTML 2Page - Fox Electronics FPXLF100-20 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
FEATURES
• Low Cost
• Stocking Standard
• Plastic Encapsulated
• Tape and Reel (1,000 pcs. STD)
3.579545 ~ 4.000
4.000+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 7.000
7.000+ ~ 9.000
9.000+ ~ 13.000
13.000+ ~ 20.000
20.000+ ~ 30.000
30.000+ ~ 90.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
200
150
120
100
80
60
40
30
100
Operating Mode
Max ESR Ω
OPTIONS
• Tolerances to < 20 PPM
• Stabilities to < 20 PPM
• Temperatures to -40ºC ~ +85ºC
1
Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer
Service for specific requirements and availability of Rev "A".
All specifications subject to change without notice.
3.579545 ~ 90.000MHz
±50 PPM
±50 PPM
-10ºC ~ +70ºC
-55ºC ~ +125ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.1 mW
±5 PPM
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating (TOPR)
Storage
(TSTG)
Shunt Capacitance (Co)
Load Capacitance (CL)
Drive Level
Aging per year
• STANDARD SPECIFICATIONS1
MAX (unless otherwise noted)
3.579545 ~ 90.000
FPXLF
Model Number
Part Number
256LF-Frequency-xxxxx
• PART NUMBER
Frequency Range (MHz)
All dimensions are in millimeters.
Plastic Encased SMD Crystal
Rev. 5/5/2014
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FPXLF
Page 1 of 2
This model has long lead times.
See page 3 for alternative.


Numéro de pièce similaire - FPXLF100-20

FabricantNo de pièceFiches techniqueDescription
logo
Fox Electronics
FPXLF100-20 FOX-FPXLF100-20 Datasheet
197Kb / 3P
   Plastic Encased SMD Crystal
FPXLF100-20 FOX-FPXLF100-20 Datasheet
170Kb / 2P
   Plastic Encased SMD Crystal
FPXLF100-20 FOX-FPXLF100-20 Datasheet
437Kb / 3P
   Plastic Encased SMD Crystal
More results

Description similaire - FPXLF100-20

FabricantNo de pièceFiches techniqueDescription
logo
Fox Electronics
FPXLF FOX-FPXLF Datasheet
157Kb / 2P
   Plastic Encased SMD Crystal
FPX FOX-FPX Datasheet
77Kb / 1P
   PLASTIC ENCASED SMD CRYSTAL
FPXLF040 FOX-FPXLF040 Datasheet
197Kb / 3P
   Plastic Encased SMD Crystal
FPXLF250F-20 FOX-FPXLF250F-20 Datasheet
437Kb / 3P
   Plastic Encased SMD Crystal
FPXLF073 FOX-FPXLF073 Datasheet
170Kb / 2P
   Plastic Encased SMD Crystal
FK10000 FOX-FK10000 Datasheet
33Kb / 1P
   TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
FK FOX-FK Datasheet
38Kb / 1P
   TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
logo
Crystek Corporation
CMD4A CRYSTEKCRYSTAL-CMD4A Datasheet
56Kb / 1P
   Replacement for Plastic SMD Crystal
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2_08 Datasheet
194Kb / 2P
   MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
01.11.08
ABSM2 ABRACON-ABSM2_15 Datasheet
1Mb / 2P
   MOLDED PLASTIC SMD MICROPROCESSOR CRYSTAL
10.23.14
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com