Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC33740TA Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BC33740TA
Description  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC33740TA Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BC33740TA Datasheet HTML 1Page - Fairchild Semiconductor BC33740TA Datasheet HTML 2Page - Fairchild Semiconductor BC33740TA Datasheet HTML 3Page - Fairchild Semiconductor BC33740TA Datasheet HTML 4Page - Fairchild Semiconductor BC33740TA Datasheet HTML 5Page - Fairchild Semiconductor BC33740TA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC337 / BC338 Rev. 1.1.0
October 2014
BC337 / BC338
NPN Epitaxial Silicon Transistor
Features
• Switching and Amplifier Applications
• Suitable for AF-Driver Stages and Low-Power Output Stages
• Complement to BC327 / BC328
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Top Mark
Package
Packing Method
BC33716BU
BC33716
TO-92 3L
Bulk
BC33716TA
BC33716
TO-92 3L
Ammo
BC33716TFR
BC33716
TO-92 3L
Tape and Reel
BC33725BU
BC33725
TO-92 3L
Bulk
BC33725TA
BC33725
TO-92 3L
Ammo
BC33725TAR
BC33725
TO-92 3L
Ammo
BC33725TF
BC33725
TO-92 3L
Tape and Reel
BC33725TFR
BC33725
TO-92 3L
Tape and Reel
BC33740BU
BC33740
TO-92 3L
Bulk
BC33740TA
BC33740
TO-92 3L
Ammo
BC33825TA
BC33825
TO-92 3L
Ammo
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage
BC337
50
V
BC338
30
VCEO
Collector-Emitter Voltage
BC337
45
V
BC338
25
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
800
mA
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to 150
°C
1. Collector 2. Base 3. Emitter
TO-92
1


Numéro de pièce similaire - BC33740TA

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
BC33740TA FAIRCHILD-BC33740TA Datasheet
190Kb / 5P
   BC337 / BC338 NPN Epitaxial Silicon Transistor
September 2015
More results

Description similaire - BC33740TA

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com