Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NL6448AC33-29 Fiches technique(PDF) 3 Page - NEC

No de pièce NL6448AC33-29
Description  26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

NL6448AC33-29 Fiches technique(HTML) 3 Page - NEC

  NL6448AC33-29 Datasheet HTML 1Page - NEC NL6448AC33-29 Datasheet HTML 2Page - NEC NL6448AC33-29 Datasheet HTML 3Page - NEC NL6448AC33-29 Datasheet HTML 4Page - NEC NL6448AC33-29 Datasheet HTML 5Page - NEC NL6448AC33-29 Datasheet HTML 6Page - NEC NL6448AC33-29 Datasheet HTML 7Page - NEC NL6448AC33-29 Datasheet HTML 8Page - NEC NL6448AC33-29 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet EN0439EJ1V0DS00
3
NL6448AC33-29
<2>
In case of use the inverter of customers
R0 - R5
G0 - G5
B0 - B5
CLK
Hsync
Vsync
DPS
DE
Digital
signal
processor
LCD timing
controller
Level
shift
Scan select
H-driver
1920 lines
TFT LCD panel
H: 640
× 3 (R, G, B)
V: 480
VCC
Frame
GND (SG)
LSIs
Drivers
Power
supply
circuit
Backlight
VH
VL
Note
Both frame and GNDB (Backlight ground) are not contacted to the lamp holder.


Numéro de pièce similaire - NL6448AC33-29

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NL6448AC33-18 NEC-NL6448AC33-18 Datasheet
145Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262144 colors, Luminance adjustable, Non anti-glare panel
NL6448AC33-18A NEC-NL6448AC33-18A Datasheet
145Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262144 colors, Luminance adjustable, Non anti-glare panel
logo
GSR Technology Ltd
NL6448AC33-97D GSR-NL6448AC33-97D Datasheet
281Kb / 2P
   TFT Modules
NL6448AC33-A0D GSR-NL6448AC33-A0D Datasheet
321Kb / 2P
   TFT Modules
NL6448AC33-A1D GSR-NL6448AC33-A1D Datasheet
321Kb / 2P
   TFT Modules
More results

Description similaire - NL6448AC33-29

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NL6448BC33-31 NEC-NL6448BC33-31 Datasheet
267Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Wide viewing angle
NL8060AC26-11 NEC-NL8060AC26-11 Datasheet
136Kb / 18P
   26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
NL6448AC33-18A NEC-NL6448AC33-18A Datasheet
145Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262144 colors, Luminance adjustable, Non anti-glare panel
NL6448BC20-08 NEC-NL6448BC20-08 Datasheet
208Kb / 24P
   17 cm 6.5 type, 640 x 480 pixels 262144 colors, high luminance, wide viewing angle
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
logo
WAGO Kontakttechnik Gmb...
762-3104-000-001 WAGO-762-3104-000-001 Datasheet
252Kb / 6P
   Control Panel; 26.4 cm (10.4"); 640 x 480 pixels; Target Visualization
logo
NEC
NL8060BC31-17 NEC-NL8060BC31-17 Datasheet
243Kb / 9P
   31 cm 12.1 inches, 800 x 600 pixels, 262144 colors High luminance, Wide viewing angle, Reversible scan direction
NL3224AC35-10 NEC-NL3224AC35-10 Datasheet
148Kb / 20P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color Incorporated backlight with inverter
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
   Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com