Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA16A Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SA16A
Description  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA16A Fiches technique(HTML) 4 Page - Vishay Siliconix

  SA16A Datasheet HTML 1Page - Vishay Siliconix SA16A Datasheet HTML 2Page - Vishay Siliconix SA16A Datasheet HTML 3Page - Vishay Siliconix SA16A Datasheet HTML 4Page - Vishay Siliconix SA16A Datasheet HTML 5Page - Vishay Siliconix SA16A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SA5.0A thru SA170CA
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
4
Document Number: 88378
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Steady State Power Derating Curve
Fig. 6 - Capacitance
Fig. 7 - Incremental Clamping Voltage Curve Uni-Directional
Fig. 8 - Incremental Clamping Voltage Curve Uni-Directional
Fig. 9 - Incremental Clamping Voltage Curve Bi-Directional
Fig. 10 - Incremental Clamping Voltage Curve Bi-Directional
TL - Lead Temperature (°C)
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
200
L = 0.375" (9.5 mm)
Lead Lengths
60 Hz
Resistive or
Inductive Load
10 000
1000
100
10
5
100
500
VWM - Reverse Stand-Off Voltage (V)
Uni-Directional
Bi-Directional
V
R = 0
V
R = Rated
Stand-Off voltage
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
IPP - Peak Pulse Current (A)
0.5
1
10
50
0.1
1.0
10
100
SA170
SA110
SA70
SA54
SA40
SA30
SA24
SA18
SA15
SA12
SA5.0
SA9.0
Waveform:
8 x 20 Impulse
DVC = V
C - VBR
IPP - Peak Pulse Current (A)
0.5
1
10
50
0.1
1.0
10
100
SA170
SA110
SA70
SA40
SA24
SA15
SA5.0
SA9.0
Waveform:
10 x 1000 Impulse
DVC = V
C - VBR
IPP - Peak Pulse Current (A)
0.5
1
10
50
0.1
1.0
10
100
SA170
SA110
SA70
SA30
SA40
SA60
SA24
SA15
SA9.0
SA6.5
Waveform:
8 x 20 Impulse
DVC = V
C - VBR
IPP - Peak Pulse Current (A)
0.5
1
10
50
0.1
1.0
10
100
SA170
SA110
SA70
SA40
SA24
SA15
SA9.0
SA6.5
Waveform:
10 x 1000 Impulse
DVC = V
C - VBR


Numéro de pièce similaire - SA16A

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SA16A MOTOROLA-SA16A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA16A LEIDITECH-SA16A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Taiwan Semiconductor Co...
SA16A TSC-SA16A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA16A WTE-SA16A Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SA16A SOCAY-SA16A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Description similaire - SA16A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com