Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ULN2003 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce ULN2003
Description  Seven Darlington array
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2003 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button ULN2003 Datasheet HTML 6Page - STMicroelectronics ULN2003 Datasheet HTML 7Page - STMicroelectronics ULN2003 Datasheet HTML 8Page - STMicroelectronics ULN2003 Datasheet HTML 9Page - STMicroelectronics ULN2003 Datasheet HTML 10Page - STMicroelectronics ULN2003 Datasheet HTML 11Page - STMicroelectronics ULN2003 Datasheet HTML 12Page - STMicroelectronics ULN2003 Datasheet HTML 13Page - STMicroelectronics ULN2003 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical performance characteristics
ULN2001, ULN2002, ULN2003, ULN2004
10/16
Doc ID 5279 Rev 8
Figure 17.
Peak collector current vs. duty
cycle (DIP-16)
Figure 18.
Peak collector current vs. duty
cycle (SO-16)
020
40
60
80DC
0
100
200
300
400
500
Ic peak
(mA)
Tamb=70°C
(DIP16)
7 6 5
4
3
2
NUMBER OF ACTIVE OUTPUT
D96IN451
020
40
60
80
100
DC
0
100
200
300
400
500
Ic peak
(mA)
D96IN452A
7
5
3
2
NUMBER OF ACTIVE OUTPUT
Tamb=70°C
(SO16)


Numéro de pièce similaire - ULN2003

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ULN2003 STMICROELECTRONICS-ULN2003 Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
List of Unclassifed Man...
ULN2003 ETC1-ULN2003 Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
   High-Voltage, High - Current Darlington Arrays
logo
Tiger Electronic Co.,Lt...
ULN2003 TGS-ULN2003 Datasheet
671Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2003 UTC-ULN2003 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results

Description similaire - ULN2003

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ULN200XA STMICROELECTRONICS-ULN200XA Datasheet
163Kb / 14P
   Seven darlington array
ULQ2001 STMICROELECTRONICS-ULQ2001_08 Datasheet
604Kb / 14P
   Seven Darlington array
ULQ200XA STMICROELECTRONICS-ULQ200XA Datasheet
210Kb / 13P
   Seven darlington array
ULN200XA STMICROELECTRONICS-ULN200XA_07 Datasheet
605Kb / 14P
   Seven darlington array
ULN2001 STMICROELECTRONICS-ULN2001_12 Datasheet
930Kb / 16P
   Seven Darlington array
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
930Kb / 16P
   Seven Darlington array
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
   SEVEN DARLINGTON ARRAYS
February 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com