Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74LS293 Fiches technique(PDF) 5 Page - Hitachi Semiconductor

No de pièce HD74LS293
Description  4-bit Binary Counters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS293 Fiches technique(HTML) 5 Page - Hitachi Semiconductor

  HD74LS293 Datasheet HTML 1Page - Hitachi Semiconductor HD74LS293 Datasheet HTML 2Page - Hitachi Semiconductor HD74LS293 Datasheet HTML 3Page - Hitachi Semiconductor HD74LS293 Datasheet HTML 4Page - Hitachi Semiconductor HD74LS293 Datasheet HTML 5Page - Hitachi Semiconductor HD74LS293 Datasheet HTML 6Page - Hitachi Semiconductor HD74LS293 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Numéro de pièce similaire - HD74LS293

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74LS293 HITACHI-HD74LS293 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS293 RENESAS-HD74LS293 Datasheet
176Kb / 8P
   4-bit Binary Counter
HD74LS293P RENESAS-HD74LS293P Datasheet
176Kb / 8P
   4-bit Binary Counter
More results

Description similaire - HD74LS293

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CY54FCT163T TI1-CY54FCT163T_08 Datasheet
329Kb / 12P
[Old version datasheet]   4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS93 HITACHI-HD74LS93 Datasheet
84Kb / 7P
   4-bit Binary Counters
logo
ON Semiconductor
SN74LS160A ONSEMI-SN74LS160A Datasheet
175Kb / 7P
   4-BIT BINARY COUNTERS
June, 2006 ??Rev. 7
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com