Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST250-75L2KI Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce ST250-75L2KI
Description  SuperTan Wet Tantalum Capacitors with Hermetic Seal
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST250-75L2KI Fiches technique(HTML) 3 Page - Vishay Siliconix

  ST250-75L2KI Datasheet HTML 1Page - Vishay Siliconix ST250-75L2KI Datasheet HTML 2Page - Vishay Siliconix ST250-75L2KI Datasheet HTML 3Page - Vishay Siliconix ST250-75L2KI Datasheet HTML 4Page - Vishay Siliconix ST250-75L2KI Datasheet HTML 5Page - Vishay Siliconix ST250-75L2KI Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST
www.vishay.com
Vishay
Revision: 13-Oct-14
3
Document Number: 43000
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
100 VDC AT 85 °C; 65 VDC AT 125 °C
15
T1
3.5
1
5
125
-18
+3
+10
1050
ST15-100T1MI
68
T2
2.1
2
10
37
-30
+4
+12
1650
ST68-100T2MI
120
L2
1.0
3
25
20.5
-30
+4
+12
2200
ST120-100L2MI
150
T3
1.6
3
25
22
-35
+6
+12
2100
ST150-100T3MI
220
T4
1.2
5
50
15
-40
+6
+12
2750
ST220-100T4MI
125 VDC AT 85 °C; 85 VDC AT 125 °C
10
T1
5.5
1
5
175
-15
+3
+10
1050
ST10-125T1MI
47
T2
2.3
2
10
47
-25
+5
+12
1650
ST47-125T2MI
90
L2
1.3
5
25
25
-22
+4
+15
2000
ST90-125L2MI
82
T3
1.8
3
25
40
-35
+5
+12
1950
ST82-125T3MI
100
T3
1.8
3
25
35
-35
+5
+12
2100
ST100-125T3MI
150
T4
1.6
5
50
20
-35
+6
+12
2750
ST150-125T4MI
RIPPLE CURRENT MULTIPLIERS VS. FREQUENCY, TEMPERATURE AND APPLIES PEAK VOLTAGE
FREQUENCY
OF APPLIED
RIPPLE
CURRENT
120 Hz
800 Hz
1 kHz
10 kHz
40 kHz
100 kHz
AMBIENT STILL
AIR TEMP. IN °C
 55 85 105 125  55 85 105 125  55 85 105 125  55 85 105 125  55 85 105 125  55 85 105 125
% of
85 °C
rated
peak
voltage
100 %
0.60 0.39
-
-
0.71 0.43
-
-
0.72 0.46
-
-
0.88 0.55
-
-
1.0 0.63
-
-
1.1 0.69
-
-
90 %
0.60 0.46
-
-
0.71 0.55
-
-
0.72 0.55
-
-
0.88 0.67
-
-
1.0 0.77
-
-
1.1 0.85
-
-
80 %
0.60 0.52 0.35
-
0.71 0.62 0.42
-
0.72 0.62 0.42
-
0.88 0.76 0.52
-
1.0 0.87 0.59
-
1.1 0.96 0.65
-
70 %
0.60 0.58 0.44
-
0.71 0.69 0.52
-
0.72 0.70 0.52
-
0.88 0.85 0.64
-
1.0 0.97 0.73
-
1.1 1.07 0.80
-
66 2/3 % 0.60 0.60 0.46 0.27 0.71 0.71 0.55 0.32 0.72 0.72 0.55 0.32 0.88 0.88 0.68 0.40 1.0 1.0 0.77 0.45 1.1 1.1 0.85 0.50
STANDARD RATINGS
CAPACITANCE
AT 25 °C
AND 120 Hz
(μF)
CASE
CODE
MAX.
ESR
120 Hz
(
)
MAX. DCL AT
MAX. IMP.
AT -55 °C
AND 120 Hz
(
)
MAX. CAPACITANCE
CHANGE AT
AC RIPPLE
85 °C
40 kHz
(mA)
RMS
PART NUMBER
+25 °C
(μA)
+85 °C /
+125 °C
(μA)
-55 °C
(%)
+85 °C
(%)
+125 °C
(%)
Notes
• (K = ± 10 %, M = ± 20 %) and insulation letter (I = insulation, X = uninsulated)
• Part numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 units, change the digit following
the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the part number
• For RoHS compliant add “E3” for suffix


Numéro de pièce similaire - ST250-75L2KI

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST250-75L2MI VISHAY-ST250-75L2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Description similaire - ST250-75L2KI

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST VISHAY-ST Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
STE470-75T3MI VISHAY-STE470-75T3MI Datasheet
105Kb / 6P
   SuperTan Extended (STE) Capacitors, Wet Tantalum Capacitors with Hermetic Seal
Revision: 07-Nov-14
STE VISHAY-STE Datasheet
92Kb / 3P
   SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
Revision: 25-Aug-08
STE VISHAY-STE_V01 Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
93026-38KS VISHAY-93026-38KS Datasheet
72Kb / 4P
   DSCC 93026 SuperTan Wet Tantalum Capacitors
Revision: 01-Feb-12
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com