Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC01 Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce 74HC01
Description  Quad. 2-input NAND Gates (with open drain outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC01 Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  74HC01 Datasheet HTML 1Page - Hitachi Semiconductor 74HC01 Datasheet HTML 2Page - Hitachi Semiconductor 74HC01 Datasheet HTML 3Page - Hitachi Semiconductor 74HC01 Datasheet HTML 4Page - Hitachi Semiconductor 74HC01 Datasheet HTML 5Page - Hitachi Semiconductor 74HC01 Datasheet HTML 6Page - Hitachi Semiconductor 74HC01 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Numéro de pièce similaire - 74HC01

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC00 PHILIPS-74HC00 Datasheet
28Kb / 5P
   Quad 2-input NAND gate
2003 Jun 30
74HC00 NXP-74HC00 Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HC00 PHILIPS-74HC00 Datasheet
98Kb / 17P
   Quad 2-input NAND gate
2003 Jun 30
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results

Description similaire - 74HC01

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HC01 RENESAS-HD74HC01 Datasheet
83Kb / 7P
   Quad. 2-input NAND Gates (with open drain outputs)
logo
Fairchild Semiconductor
DM74LS03 FAIRCHILD-DM74LS03 Datasheet
48Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
DM7403 FAIRCHILD-DM7403 Datasheet
35Kb / 3P
   Quad 2-Input NAND Gates with Open-Collector Outputs
logo
Texas Instruments
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
National Semiconductor ...
DM7401 NSC-DM7401 Datasheet
97Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
DM5403 NSC-DM5403 Datasheet
93Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74HC09 HITACHI-HD74HC09 Datasheet
44Kb / 7P
   Quad. 2-input AND Gates (with open drain outputs)
logo
Renesas Technology Corp
HD74HC09 RENESAS-HD74HC09 Datasheet
90Kb / 7P
   Quad. 2-input AND Gates (with open drain outputs)
logo
Texas Instruments
SN54HC03 TI-SN54HC03_06 Datasheet
418Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com