Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD13816STU Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BD13816STU
Description  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD13816STU Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BD13816STU Datasheet HTML 1Page - Fairchild Semiconductor BD13816STU Datasheet HTML 2Page - Fairchild Semiconductor BD13816STU Datasheet HTML 3Page - Fairchild Semiconductor BD13816STU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=350
µs, duty Cycle=2% Pulsed
hFE Classificntion
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD136
: BD138
: BD140
- 45
- 60
- 80
V
V
V
VCEO
Collector-Emitter Voltage
: BD136
: BD138
: BD140
- 45
- 60
- 80
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 1.5
A
ICP
Collector Current (Pulse)
- 3.0
A
IB
Base Current
- 0.5
A
PC
Collector Dissipation (TC=25°C)
12.5
W
PC
Collector Dissipation (Ta=25°C)
1.25
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BD136
: BD138
: BD140
IC = - 30mA, IB = 0
- 45
- 60
- 80
V
V
V
ICBO
Collector Cut-off Current
VCB = - 30V, IE = 0
- 0.1
µA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 10
µA
hFE1
hFE2
hFE3
* DC Current Gain
VCE = - 2V, IC = - 5mA
VCE = - 2V, IC = - 0.5A
VCE = - 2V, IC = - 150mA
25
25
40
250
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 500mA, IB = - 50mA
- 0.5
V
VBE(on)
* Base-Emitter ON Voltage
VCE = - 2V, IC = - 0.5A
- 1
V
Classification
6
10
16
hFE3
40 ~ 100
63 ~ 160
100 ~ 250
BD136/138/140
Medium Power Linear and Switching
Applications
• Complement to BD135, BD137 and BD139 respectively
1
TO-126
1. Emitter
2.Collector
3.Base


Numéro de pièce similaire - BD13816STU

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BD13816STU ONSEMI-BD13816STU Datasheet
315Kb / 5P
   PNP Epitaxial Silicon Transistor
November, 2019 ??Rev. 1
More results

Description similaire - BD13816STU

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com