Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U029-006 Fiches technique(PDF) 3 Page - Tripp Lite. All Rights Reserved

No de pièce U029-006
Description  USB 2.0 Hi-Speed A to Mini-B Cable (A to 4PinRound Mini-B M/M) 6-ft.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U029-006 Fiches technique(HTML) 3 Page - Tripp Lite. All Rights Reserved

  U029-006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U029-006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U029-006 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved U029-006 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U030-006
6-ft. USB2.0 A to Mini-B Gold Device Cable
(A Male to 5Pin Mini-B Male)
1
U209-000-R
USB to Serial Adapter
(USB-A Male to DB9M)
1
U222-004-R
4-Port USB2.0 Ultra-Mini Hub
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/U029-006.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Numéro de pièce similaire - U029-006

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
U029006 TRIPPLITE-U029006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 4Pin Round Mini-B M-M), 6-ft
More results

Description similaire - U029-006

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
U028006 TRIPPLITE-U028006 Datasheet
480Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 4Pin Mini-B, M-M), 6-ft
U030006 TRIPPLITE-U030006 Datasheet
475Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 5Pin Mini-B M-M), 6-ft
U029006 TRIPPLITE-U029006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 4Pin Round Mini-B M-M), 6-ft
U030003 TRIPPLITE-U030003 Datasheet
475Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft
U030-006 TRIPPLITE-U030-006 Datasheet
156Kb / 2P
   USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B M/M), 6-ft.
U030-003 TRIPPLITE-U030-003 Datasheet
156Kb / 2P
   USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft.
U030-006-COIL TRIPPLITE-U030-006-COIL Datasheet
165Kb / 2P
   USB 2.0 A to Mini-B Coiled Cable (M/M), 6 ft.
U050006 TRIPPLITE-U050006 Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed A to Micro-B Cable (M-M), 6-ft
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com