Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC6320 Fiches technique(PDF) 1 Page - Supertex, Inc

No de pièce TC6320
Description  N- and P-Channel Enhancement-Mode MOSFET Pair
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUTEX [Supertex, Inc]
Site Internet  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC6320 Fiches technique(HTML) 1 Page - Supertex, Inc

  TC6320 Datasheet HTML 1Page - Supertex, Inc TC6320 Datasheet HTML 2Page - Supertex, Inc TC6320 Datasheet HTML 3Page - Supertex, Inc TC6320 Datasheet HTML 4Page - Supertex, Inc TC6320 Datasheet HTML 5Page - Supertex, Inc TC6320 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
TC6320
Doc.# DSFP-TC6320
D012913
Features
Integrated GATE-to-SOURCE resistor
Integrated GATE-to-SOURCE Zener diode
Low threshold
Low on-resistance
Low input capacitance
Fast switching speeds
Free from secondary breakdown
Low input and output leakage
Independent, electrically isolated N- and
P-channels
Applications
High voltage pulsers
Amplifiers
Buffers
Piezoelectric transducer drivers
General purpose line drivers
Logic level interfaces
N- and P-Channel
Enhancement-Mode MOSFET Pair
General Description
The Supertex TC6320 consists of high voltage, low threshold
N-channel and P-channel MOSFETs in 8-Lead SOIC and DFN
packages. Both MOSFETs have integrated GATE-to-SOURCE
resistors and GATE-to-SOURCE Zener diode clamps which are
desired for high voltage pulser applications. It is a complimentary,
high-speed, high voltage, GATE-clamped N- and P-channel
MOSFET pair, which utilizes an advanced vertical DMOS
structure and Supertex’s well-proven silicon-gate manufacturing
process. This combination produces a device with the power
handling capabilities of bipolar transistors and with the high
input impedance and positive temperature coefficient inherent in
MOS devices. Characteristic of all MOS structures, this device
is free from thermal runaway and thermally induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low
input capacitance, and fast switching speeds are desired.
Typical Application Circuit
VSS
VL
VDD
VH
INA
INB
OE
-100V
+100V
Supertex
TC6320
10nF
10nF
Supertex
MD12xx, MD17xx, or MD18xx


Numéro de pièce similaire - TC6320

FabricantNo de pièceFiches techniqueDescription
logo
Supertex, Inc
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
378Kb / 4P
   N- and P- Channel Enhancement-Mode Dual MOSFET
TC6320 SUTEX-TC6320 Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Microchip Technology
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
   N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
More results

Description similaire - TC6320

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC6321 MICROCHIP-TC6321 Datasheet
427Kb / 26P
   N- and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC6320K6-G SUTEX-TC6320K6-G Datasheet
695Kb / 6P
   N- and P-Channel Enhancement-Mode MOSFET Pair
TC6320 SUTEX-TC6320 Datasheet
116Kb / 3P
   N- and P-Channel Enhancement-Mode MOSFET Pair
logo
Microchip Technology
TC6320 MICROCHIP-TC6320 Datasheet
596Kb / 14P
   N-Channel and P-Channel Enhancement-Mode MOSFET Pair
11/07/16
logo
Supertex, Inc
TC8220 SUTEX-TC8220 Datasheet
585Kb / 6P
   Two Pair, N- and P-Channel Enhancement-Mode MOSFET
TC7320 SUTEX-TC7320 Datasheet
218Kb / 5P
   Six Pair N- and P-Channel Enhancement-Mode MOSFET
TC8020 SUTEX-TC8020 Datasheet
684Kb / 8P
   Six Pair, N- and P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPC6606 SYNC-POWER-SPC6606 Datasheet
590Kb / 9P
   N and P Pair Enhancement Mode MOSFET
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
   N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
   N & P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com