Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE34018-T2 Fiches technique(PDF) 10 Page - NEC

No de pièce NE34018-T2
Description  L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

NE34018-T2 Fiches technique(HTML) 10 Page - NEC

Back Button NE34018-T2 Datasheet HTML 6Page - NEC NE34018-T2 Datasheet HTML 7Page - NEC NE34018-T2 Datasheet HTML 8Page - NEC NE34018-T2 Datasheet HTML 9Page - NEC NE34018-T2 Datasheet HTML 10Page - NEC NE34018-T2 Datasheet HTML 11Page - NEC NE34018-T2 Datasheet HTML 12Page - NEC NE34018-T2 Datasheet HTML 13Page - NEC NE34018-T2 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
NE34018
S-PARAMETERS
MAG. AND ANG.
VDS = 3 V, ID = 5 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
500
.991
ð15.2
5.038
165.1
.020
79.3
.817
ð9.8
600
.984
ð18.1
5.040
162.2
.024
79.0
.812
ð11.7
700
.982
ð20.8
4.984
159.4
.027
76.7
.809
ð13.6
800
.973
ð23.8
4.958
156.6
.031
77.2
.807
ð15.2
900
.970
ð26.6
4.958
154.1
.034
74.4
.806
ð16.8
1000
.964
ð29.0
4.892
151.4
.038
73.4
.803
ð18.6
1100
.944
ð32.0
4.850
148.6
.040
70.8
.797
ð20.1
1200
.947
ð34.2
4.791
146.2
.044
70.3
.794
ð21.5
1300
.938
ð36.7
4.764
143.8
.048
69.6
.791
ð23.1
1400
.929
ð38.9
4.722
141.4
.050
68.9
.788
ð24.3
1500
.920
ð41.3
4.675
139.0
.052
67.2
.789
ð25.7
1600
.911
ð43.6
4.640
136.6
.056
66.5
.786
ð27.2
1700
.901
ð45.7
4.579
134.4
.058
65.1
.780
ð28.3
1800
.890
ð47.9
4.527
132.2
.061
64.1
.778
ð29.4
1900
.878
ð49.8
4.473
130.0
.063
62.9
.775
ð30.5
2000
.815
ð57.5
4.306
123.9
.063
58.4
.687
ð29.1
AMP. PARAMETERS
FREQUENCY
MHz
GUmax
dB
GAmax
dB
~S21~2
dB
~S12~2
dB
K
Delay
ns
Mason’s U
dB
G1
dB
G2
dB
500
36.20
14.05
ð34.16
.09
.080
39.523
17.38
4.78
600
33.77
14.05
ð32.46
.09
.080
15.04
4.69
700
32.94
13.95
ð31.29
.11
.077
14.37
4.62
800
31.24
13.91
ð30.13
.10
.077
12.75
4.58
900
30.67
13.91
ð29.27
.12
.071
12.22
4.55
1000
29.74
13.79
ð28.52
.13
.074
11.46
4.49
1100
27.71
13.72
ð27.86
.18
.077
9.61
4.38
1200
27.80
13.61
ð27.10
.17
.066
9.87
4.32
1300
27.04
13.56
ð26.43
.17
.069
9.22
4.26
1400
26.34
13.48
ð26.01
.18
.066
8.64
4.22
1500
25.76
13.40
ð25.69
.20
.066
8.12
4.24
1600
25.18
13.33
ð25.10
.21
.067
7.68
4.18
1700
24.52
13.21
ð24.80
.23
.061
7.24
4.07
1800
24.00
13.12
ð24.36
.24
.061
6.84
4.05
1900
23.40
13.01
ð24.05
.26
.062
6.41
3.99
2000
20.18
12.68
ð23.97
.47
.169
27.557
4.73
2.77


Numéro de pièce similaire - NE34018-T2

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NE34018-T2 RENESAS-NE34018-T2 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results

Description similaire - NE34018-T2

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com