Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE34018-T1 Fiches technique(PDF) 11 Page - NEC

No de pièce NE34018-T1
Description  L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

NE34018-T1 Fiches technique(HTML) 11 Page - NEC

Back Button NE34018-T1 Datasheet HTML 7Page - NEC NE34018-T1 Datasheet HTML 8Page - NEC NE34018-T1 Datasheet HTML 9Page - NEC NE34018-T1 Datasheet HTML 10Page - NEC NE34018-T1 Datasheet HTML 11Page - NEC NE34018-T1 Datasheet HTML 12Page - NEC NE34018-T1 Datasheet HTML 13Page - NEC NE34018-T1 Datasheet HTML 14Page - NEC NE34018-T1 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
NE34018
S-PARAMETERS
MAG. AND ANG.
VDS = 3 V, ID = 10 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
500
.982
ð17.5
7.163
162.7
.019
82.5
.736
ð10.5
600
.973
ð20.9
7.082
159.4
.022
79.5
.732
ð12.4
700
.965
ð24.0
7.001
156.2
.025
76.7
.729
ð14.4
800
.953
ð27.2
6.905
153.1
.028
75.6
.725
ð16.2
900
.944
ð30.3
6.849
150.2
.032
74.8
.720
ð17.8
1000
.934
ð33.0
6.738
147.3
.035
73.4
.717
ð19.5
1100
.913
ð36.3
6.624
144.1
.037
72.4
.713
ð21.2
1200
.909
ð38.6
6.514
141.6
.040
70.8
.708
ð22.5
1300
.894
ð41.3
6.415
138.7
.043
71.0
.706
ð24.0
1400
.882
ð43.7
6.323
136.2
.046
69.7
.702
ð25.2
1500
.866
ð46.2
6.219
133.6
.048
67.6
.700
ð26.5
1600
.853
ð48.5
6.123
131.0
.050
67.0
.697
ð27.9
1700
.837
ð50.6
6.004
128.8
.052
67.2
.692
ð29.0
1800
.823
ð52.8
5.897
126.4
.055
66.5
.689
ð29.9
1900
.808
ð54.7
5.800
124.1
.057
65.4
.685
ð31.0
2000
.747
ð62.5
5.514
118.6
.058
61.2
.593
ð28.2
AMP. PARAMETERS
FREQUENCY
MHz
GUmax
dB
GAmax
dB
~S21~2
dB
~S12~2
dB
K
Delay
ns
Mason’s U
dB
G1
dB
G2
dB
500
35.08
17.10
ð34.56
.09
.093
14.59
3.38
600
33.03
17.00
ð33.28
.13
.093
12.69
3.34
700
31.88
16.90
ð32.21
.16
.088
11.69
3.29
800
30.40
16.78
ð30.97
.18
.086
10.38
3.24
900
29.55
16.71
ð29.89
.19
.081
9.66
3.18
1000
28.64
16.57
ð29.23
.21
.082
8.93
3.14
1100
27.29
16.42
ð28.63
.24
.088
7.79
3.08
1200
26.89
16.28
ð27.89
.26
.070
7.59
3.02
1300
26.11
16.14
ð27.29
.27
.080
6.97
3.00
1400
25.51
16.02
ð26.83
.29
.068
6.53
2.95
1500
24.82
15.87
ð26.32
.32
.074
6.02
2.92
1600
24.28
15.74
ð25.98
.34
.072
5.65
2.89
1700
23.64
15.57
ð25.60
.35
.062
5.25
2.83
1800
23.12
15.41
ð25.23
.37
.066
4.91
2.80
1900
22.61
15.27
ð24.82
.39
.064
4.59
2.75
2000
20.25
14.83
ð24.80
.61
.152
28.504
3.55
1.88


Numéro de pièce similaire - NE34018-T1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results

Description similaire - NE34018-T1

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com